Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QA151 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # QA151
Description  Ultra Compact SIP package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

QA151 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  QA151 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. QA151 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. QA151 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. QA151 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC/DC Converter for IGBT Driver
QAxx1 Series
2015.09.14-A/0
Page 4 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Dimensions and Recommended Layout
Notes:
1. Packing information please refer to Product Packing Information ,Packing bag number: 58200013;
2. The lead wire connecting the power supply module and IGBT driver should be as short as possible during use;
3. The output filtering capacitor should be as close as possible to the power supply module and IGBT driver;
4. The peak of the IGBT driver gate drive current is high, so low internal resistance electrolytic capacitor is recommended to be used for
the power supply module output filter capacitor;
5. The average output power of the driver must be lower than that of the power supply module;
6. Consider fixing in place with glue near the module if being used in vibration occasions;
7. The maximum capacitive load is measured under the full input voltage range and full load condition;
8. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃, humidity<75% with nominal
input voltage and rated output load;
9. All index testing methods in this datasheet are based on our Company’s corporate standards;
10. The performance parameters of the product models listed in this manual are as above, but some parameters of non-standard model
products may exceed the requirements mentioned above. Please contact our technicians directly for specific information;
11. We can provide product customization service;
12. Specifications are subject to change without prior notice.
MORNSUN Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - QA151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QA15-15 ETC1-QA15-15 Datasheet
372Kb / 3P
   1 AND 2 WATT DC/DC CONVERTERS
logo
MORNSUN Science& Techno...
QA153-1509R3 MORNSUN-QA153-1509R3 Datasheet
2Mb / 8P
   DC/DC Converter for IGBT Driver
2022.07.19
QA153C-1504R3 MORNSUN-QA153C-1504R3 Datasheet
3Mb / 10P
   DC/DC Converter for SiC DriverS
2022.07.07
QA153C-2005R3 MORNSUN-QA153C-2005R3 Datasheet
3Mb / 10P
   DC/DC Converter for SiC DriverS
2022.07.07
QA153H-1509R3 MORNSUN-QA153H-1509R3 Datasheet
1Mb / 6P
   DC/DC Converter for IGBT Driver
2022.07.19
More results

Similar Description - QA151

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAW01 TOTAL-POWER-MAW01 Datasheet
379Kb / 4P
   Compact SIP-6 Package
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRBS-3WR2 RSG-WRBS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRFS-3WR2 RSG-WRFS-3WR2 Datasheet
658Kb / 7P
   Ultra-Miniature SIP Package
logo
Total Power Internation...
MDWI03 TOTAL-POWER-MDWI03 Datasheet
454Kb / 4P
   Ultra compact DIP Package
logo
Rohm
CSL1501RW ROHM-CSL1501RW Datasheet
742Kb / 9P
   Thin, ultra-compact package
logo
Total Power Internation...
MGWI06 TOTAL-POWER-MGWI06 Datasheet
459Kb / 4P
   Ultra compact DIP Package
MSCW01 TOTAL-POWER-MSCW01 Datasheet
465Kb / 4P
   Ultra compact SMD Package
logo
MORNSUN Science& Techno...
G0505S-2WR2 MORNSUN-G0505S-2WR2 Datasheet
1Mb / 5P
   SIP package
logo
DB Lectro Inc
102E-1A DBLECTRO-102E-1A Datasheet
1Mb / 2P
   Micro SIP package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com