Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G2405S-1WR2 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # G2405S-1WR2
Description  Reinforced insulation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

G2405S-1WR2 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  G2405S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. G2405S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. G2405S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. G2405S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. G2405S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
G_S-1WR2 & H_S-1WR2 Series
2016.11.02-A/3
Page 5 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Dimensions and Recommended Layout
Notes:
1. Packing information please refer to Product Packing Information which can be downloaded from www.mornsun-power.com. Packing
bag number: 58200013;
2. If the product is not operated within the required load range, the product performance cannot be guaranteed to comply with all
parameters in the datasheet;
3. The maximum capacitive load offered were tested at input voltage range and full load;
4. Unless otherwise specified, parameters in this datasheet were measured under the conditions of Ta=25℃, humidity<75%RH with nominal
input voltage and rated output load;
5. All index testing methods in this datasheet are based on our Company’s corporate standards;
6. We can provide product customization service, please contact our technicians directly for specific information;
7. Specifications are subject to change without prior notice.
MORNSUN Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - G2405S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
G2405S-1WR2 MORNSUN-G2405S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
More results

Similar Description - G2405S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
   SMD Reinforced Insulation Package
logo
XFMRS Inc.
1008 XFMRS-1008 Datasheet
51Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
Artesyn Technologies
AEE10W-M ARTESYN-AEE10W-M Datasheet
1Mb / 2P
   4200 VAC reinforced Insulation
logo
Minmax Technology Co., ...
MTQZ50 MINMAX-MTQZ50 Datasheet
778Kb / 6P
   Reinforced Insulation 3000 VACrms
logo
Sharp Corporation
PC3SG21YIZ SHARP-PC3SG21YIZ Datasheet
223Kb / 13P
   VDRM 600V, Reinforced Insulation Type
logo
TE Connectivity Ltd
SRL7 TEC-SRL7 Datasheet
294Kb / 2P
   Reinforced insulation between contact circuits
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com