Electronic Components Datasheet Search |
|
TE6650HN Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd. |
|
TE6650HN Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd. |
1 / 6 page Isolated Transmitter TExxxxHN Series 2016.03.24-A/0 Page 1 of 6 MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation Active high precision isolated transmitter RoHS FEATURES Two-terminal isolation (signal input and signal output) High isolation voltage (4KVAC/60s) High precision grade (0.1% F.S.) High linearity (0.1% F.S.) Low ripple & noise(≤35mVpp , 20MHz) Extremely low temperature drift (≤50PPM/℃, within -40 to +85℃) PART NUMBER SYSTEM TExxxxHN Package Isolation power output Power supply Signal Output Signal Input Isolation Amplifier Type of input signal High isolation The TExxxxHN series is with preceding voltage signal input and backward voltage signal output, and with an inner high efficiency isolated micro-power source. It can provide isolation power to peripheral circuit at the same time of providing power to internal signal processing circuit. Adopting electromagnetism isolation technology, therefore compared with photo-coupler isolation, it has higher accuracy and lower temperature drift. This module is two-port isolation (input and output). Selection Guide Model Power Supply input (VDC) Input Signal Output Signal Isolation Power Output (VDC) TE6650HN 12V 0~5V 0~5V None Input Specifications Item Operating Conditions Min. Typ. Max. Unit Power Input Input voltage Typ.-5% Typ. Typ.+5% VDC Input power Signal, power full load -- -- 2.0 W Power supply protection Reverse protection Signal Input Input signal See selection guide Input impedance In case of max. input 10 -- -- MΩ Overrange -- -- 30 V Output Specifications Item Operating Conditions Min. Typ. Max. Unit Isolation Power Output Output voltage Power, current full load Typ.-10% Typ. Typ.+10% VDC Output current -- -- 5 mA Signal Output Output signal See selection guide Load capacity 2 -- -- KΩ Ripple & noise 20MHz Bandwidth -- 15 35 mVp-p Transmission Specifications Item Operating Conditions Min. Typ. Max. Unit Signal Precision Ta=25℃ -0.1%F.S. -- +0.1%F.S. -- Temperature Drift Operating temperature range of -40 to +85℃ -- -- 50 PPM/℃ Bandwidth 3 -- -- KHz Response Time -- -- 1 ms |
Similar Part No. - TE6650HN |
|
Similar Description - TE6650HN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |