Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE6640CN Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TE6640CN
Description  Two- port isolation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TE6640CN Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TE6640CN Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TE6640CN Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TE6640CN Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Signal conditioning modules
TExxxxCN Series
2016.07.15-A/1
Page 3 of 3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
2.EMC solution-recommended circuit
Fig. 2
Components
Recommended parameters
R1
12Ω/2W
TVS1
SMBJ15CA
3.For more information please find the application notes on www.mornsun-power.com
Dimensions and Recommended Layout
Notes:
1. Packing Information please refer to 'Product Packing Information'. Packing bag number: 58240002;
2. All index testing methods in this datasheet are based on our Company’s corporate standards;
3. The performance indexes of the product models listed in this datasheet are as above, but some indexes of non-standard model
products will exceed the above-mentioned requirements, and please directly contact our technician for specific information;
4. We can provide product customization service;
5. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - TE6640CN

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TE6644N MORNSUN-TE6644N Datasheet
1Mb / 5P
   ACTIVE HIGH PRECISION AMPLIFIER
More results

Similar Description - TE6640CN

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO212 BURR-BROWN-ISO212 Datasheet
114Kb / 11P
   Low Cost, Two-Port Isolated, 1500Vrms ISOLATION AMPLIFIER
logo
MORNSUN Science& Techno...
TE5530AN MORNSUN-TE5530AN Datasheet
185Kb / 3P
   two-terminal isolation
TE6650HN MORNSUN-TE6650HN Datasheet
1Mb / 6P
   Two-terminal isolation
logo
XFMRS Inc.
XF973-C2-4S XFMRS-XF973-C2-4S_15 Datasheet
88Kb / 2P
   TWO PORT COMBO
XFATM2-STACK2-4 XFMRS-XFATM2-STACK2-4_15 Datasheet
65Kb / 2P
   TWO PORT COMBO
XFATM2E-C2-4MS XFMRS-XFATM2E-C2-4MS_15 Datasheet
105Kb / 2P
   TWO PORT COMBO
XF10B13-C2-2S XFMRS-XF10B13-C2-2S Datasheet
71Kb / 2P
   TWO PORT COMBO
XFATM2-C2-4S XFMRS-XFATM2-C2-4S Datasheet
108Kb / 2P
   TWO PORT COMBO
XFATM2E-C2-4MS XFMRS-XFATM2E-C2-4MS Datasheet
105Kb / 2P
   TWO PORT COMBO
XFATM2E-CLXU2-4MS XFMRS-XFATM2E-CLXU2-4MS Datasheet
82Kb / 2P
   TWO PORT COMBO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com