Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UG1112H Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # UG1112H
Description  ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

UG1112H Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  UG1112H Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. UG1112H Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. UG1112H Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. UG1112H Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. UG1112H Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. UG1112H Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
1.5
2
2.5
3
10
1
2.4
1
10
2
10
3
10
4
10
5
Ta=25˚C
0.1
1.0
10.0
IF=20mA
-40 -20 0
20 40 60 80 100
-40 -20 0
20 40 60 80 100
60
50
40
30
20
10
0
f
_50Hz
tw
_1ms
Duty 5%
Duty 10%
Duty 20%
Duty 50%
DC
0
0.0
0.5
1.0
1.5
2.0
2.5
10
15
20
25
5
30
Ta=25˚C
10
20
30
40
50
60
-10
10
30
50
70
90
0
70
-40
80
2.0
0.01
0.1
1
10
100
2.5
3.0
3.5
4.0
4.5
Ta=25˚C
UG1112H
ULTRA HIGH BRIGHTNESS TYPE SURFACE MOUNT LED
0
0.2
0.4
0.6
0.8
1.0
Ta=25˚C
IF=20mA
400
450
500
550
600
■ Power Dissipation vs. Ambient Temperature
■ Ambient Temperature vs. Maximum Forward Current
Ambient Temperature Ta(˚C)
Ambient Temperature Ta(˚C)
Wave Length
λ(nm)
■ Spectral Distribution
■ Forward Voltage vs. Forward Current
■ Forward Current vs. Relative Intensity
■ Ambient Temperature vs. Relative Intensity
Forward Voltage VF (V)
Forward Current IF (mA)
Ambient Temperature Ta(˚C)
Pulse Duration
■ Pulse Duration vs.Maximum Tolerable Peak Current


Similar Part No. - UG1112H

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UG1111C STANLEY-UG1111C Datasheet
392Kb / 27P
   Single Color Ultra High Brightness Type
UG1113F STANLEY-UG1113F Datasheet
317Kb / 20P
   Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
UG1113F STANLEY-UG1113F Datasheet
317Kb / 20P
   Single Color Ultra High Brightness Type
UG1113F STANLEY-UG1113F Datasheet
1Mb / 18P
   Single Color Ultra High Brightness Type
UG1114C-0005 STANLEY-UG1114C-0005 Datasheet
326Kb / 17P
   Single Color 1608 (h=0.4 mm) Type
More results

Similar Description - UG1112H

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com