Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAN1109F-TR Datasheet(PDF) 4 Page - STANLEY ELECTRIC CO.,LTD.

Part # TAN1109F-TR
Description  Infrared LED (Peak wavelength : 940nm)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

TAN1109F-TR Datasheet(HTML) 4 Page - STANLEY ELECTRIC CO.,LTD.

  TAN1109F-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TAN1109F-TR
0
50
100
-100
-50
0
50
100
-30
-60
-90
60
30
0
90
x
y
0.0
0.2
0.4
0.6
0.8
1.0
1.2
700
750
800
850
900
950
1,000
1,050
1,100
X direction
Y direction
Wavelength vs. Relative Intensity
Condition: Ta = 25℃, IF = 20mA
Wavelength: (nm)
Spatial Distribution
Condition: Ta = 25℃, IF= 20mA
Relative Radiant Intensity: (%)
Technical Data
0
50
100
50
100
Page : 4
2014.3.3


Similar Part No. - TAN1109F-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
TAN1101W STANLEY-TAN1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
   Surface Mount IRED/Right Angle Type
TAN1102W STANLEY-TAN1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
TAN1105W-TR STANLEY-TAN1105W-TR Datasheet
540Kb / 22P
   Lead?밼ree soldering compatible
More results

Similar Description - TAN1109F-TR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
EL341M KODENSHI-EL341M Datasheet
154Kb / 3P
   peak wavelength 940nm
EL342M KODENSHI-EL342M Datasheet
147Kb / 3P
   peak wavelength 940nm
logo
Marktech Corporate
MTPC10.0PV1-5 MARKTECH-MTPC10.0PV1-5 Datasheet
1Mb / 3P
   Peak Sensitivity Wavelength: 940nm
MTD3910D3 MARKTECH-MTD3910D3 Datasheet
323Kb / 3P
   Peak Sensitivity Wavelength: 940nm
logo
EHAOAN.
EH-S118IRC EHAOAN-EH-S118IRC Datasheet
779Kb / 5P
   Peak wavelength λp=940nm
logo
Marktech Corporate
MTE9440M3A MARKTECH-MTE9440M3A Datasheet
641Kb / 4P
   Peak Emission Wavelength: 940nm
MTPC5.0PV1-5 MARKTECH-MTPC5.0PV1-5 Datasheet
1Mb / 3P
   Peak Sensitivity Wavelength: 940nm
MTPS15.0PV1-5 MARKTECH-MTPS15.0PV1-5 Datasheet
1Mb / 3P
   Peak Sensitivity Wavelength: 940nm
logo
KODENSHI_AUK CORP.
KEL5002A KODENSHI-KEL5002A Datasheet
194Kb / 3P
   940nm wavelength
logo
OptoSupply Internationa...
FRS5IS OPTOSUPPLY-FRS5IS Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com