Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAN1109F-TR Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # TAN1109F-TR
Description  Infrared LED (Peak wavelength : 940nm)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

TAN1109F-TR Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button TAN1109F-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. TAN1109F-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TAN1109F-TR
Packaging Specifications
This product is baked (moisture removal) before packaging, and is shipped in moisture -proof packaging (as
shown below) to minimize moisture absorption during transportation and storage. However, with regard to
storing the products, Stanley recommends the use of dry-box under the following conditions is
recommended. Moisture-proof bag as the packaging is made of anti-static material but packaging box is not.
The package should not be opened until immediately prior to its use, and please keep the time frame
between package opening and soldering which is
maximum 72h】.
If the device needs to be soldered twice, both soldering must be completed within the 168h.
If any components should remain after their use, please seal the package and store them under the
conditions described in the 【 Recommended Storage Condition 】.
This product must be required to perform baking process (moisture removal)
for
at least 23h,not exceed for 48h, at 60+±5 degrees Celsius if following conditions apply.
1. In the case of silica gel (blue) which indicates the moisture level within the package, changes or loses its
blue color.
2. In the case of time is passed for 72h after the package is opened once.
Baking process should be performed after LED having been taken out of the package.
Baking may be performed in the tape-reel form , however if it is performed with the reel stacked over one
another, it may cause deformation of the reels and taping materials and later obstruct mounting. Please
handle only once it has returned to room temperature. Provided that, baking process shall be 2 times MAX.
【Time elapsed after Package Opening.】
In the case of the package unopened , 6 months under 【 Recommended Storage Condition 】.
Please avoid rapid transition from low temp. condition to high temp. condition
and storage in corroding and dusty environment.
【Recommended Storage Condition / Products Warranty Period 】
Temperature
+5~30℃
Humidity
Under 70%
Page : 11
2014.3.3


Similar Part No. - TAN1109F-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
TAN1101W STANLEY-TAN1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
   Surface Mount IRED/Right Angle Type
TAN1102W STANLEY-TAN1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
TAN1105W-TR STANLEY-TAN1105W-TR Datasheet
540Kb / 22P
   Lead?밼ree soldering compatible
More results

Similar Description - TAN1109F-TR

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
EL341M KODENSHI-EL341M Datasheet
154Kb / 3P
   peak wavelength 940nm
EL342M KODENSHI-EL342M Datasheet
147Kb / 3P
   peak wavelength 940nm
logo
Marktech Corporate
MTPC10.0PV1-5 MARKTECH-MTPC10.0PV1-5 Datasheet
1Mb / 3P
   Peak Sensitivity Wavelength: 940nm
MTD3910D3 MARKTECH-MTD3910D3 Datasheet
323Kb / 3P
   Peak Sensitivity Wavelength: 940nm
logo
EHAOAN.
EH-S118IRC EHAOAN-EH-S118IRC Datasheet
779Kb / 5P
   Peak wavelength λp=940nm
logo
Marktech Corporate
MTE9440M3A MARKTECH-MTE9440M3A Datasheet
641Kb / 4P
   Peak Emission Wavelength: 940nm
MTPC5.0PV1-5 MARKTECH-MTPC5.0PV1-5 Datasheet
1Mb / 3P
   Peak Sensitivity Wavelength: 940nm
MTPS15.0PV1-5 MARKTECH-MTPS15.0PV1-5 Datasheet
1Mb / 3P
   Peak Sensitivity Wavelength: 940nm
logo
KODENSHI_AUK CORP.
KEL5002A KODENSHI-KEL5002A Datasheet
194Kb / 3P
   940nm wavelength
logo
OptoSupply Internationa...
FRS5IS OPTOSUPPLY-FRS5IS Datasheet
113Kb / 3P
   850nm & 940nm Infrared LED Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com