Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1115AY15 Datasheet(PDF) 7 Page - Anachip Corp

Part # AP1115AY15
Description  0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1115AY15 Datasheet(HTML) 7 Page - Anachip Corp

  AP1115AY15 Datasheet HTML 1Page - Anachip Corp AP1115AY15 Datasheet HTML 2Page - Anachip Corp AP1115AY15 Datasheet HTML 3Page - Anachip Corp AP1115AY15 Datasheet HTML 4Page - Anachip Corp AP1115AY15 Datasheet HTML 5Page - Anachip Corp AP1115AY15 Datasheet HTML 6Page - Anachip Corp AP1115AY15 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Aug.27, 2004
7/7
(2) Package Type: TO92-3L
D
b
b1
b
E
L
e
A1
A
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
3.302
3.556
3.810
0.130
0.140
0.150
A1
1.016
-
-
0.040
-
-
b
0.330
0.381
0.432
0.013
0.015
0.017
b1
0.406
0.457
0.506
0.016
0.018
0.020
D
4.445
4.572
4.699
0.175
0.180
0.185
E
4.445
4.572
4.699
0.175
0.180
0.185
L
13.00
-
15.50
0.512
-
0.610
e
1.150
1.270
1.390
0.045
0.050
0.055


Similar Part No. - AP1115AY15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1115AY15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 DIODES-AP1115_12 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
G1116 ETL-G1116 Datasheet
253Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1116 GTM-G1116 Datasheet
248Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GM1116 GTM-GM1116 Datasheet
241Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GL1116 GTM-GL1116 Datasheet
244Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1116 GTM-GJ1116 Datasheet
239Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com