Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR8XXYYBG-AE6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR8XXYYBG-AE6-R
Description  High Output Voltage Accuracy
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR8XXYYBG-AE6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR8XXYYBG-AE6-R Datasheet HTML 1Page - Unisonic Technologies LR8XXYYBG-AE6-R Datasheet HTML 2Page - Unisonic Technologies LR8XXYYBG-AE6-R Datasheet HTML 3Page - Unisonic Technologies LR8XXYYBG-AE6-R Datasheet HTML 4Page - Unisonic Technologies LR8XXYYBG-AE6-R Datasheet HTML 5Page - Unisonic Technologies LR8XXYYBG-AE6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LR8XXYY
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-069.c
ELECTRICAL CHARACTERISTICS (Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
CE Pull-down Current
IPD
0.3
μA
CE Input Voltage “H”
VCEH
1.0
V
CE Input Voltage “L”
VCEL
0.4
V
Output Noise
en
BW=10Hz ~ 100kHz
60
μVrms
C Ver. (VR2)
10
Nch ON Resistance For Auto
Discharge (B/C/E Version Only)
RLOW
VIN=4.0V, VCE=0V
Others
50
Notes: 1. The specification in boldface is checked and guaranteed by design engineering.
2. All of unit are tested and specified under load conditions such that TJ≈TA=25°C except for Output Noise,
Ripple Rejection and Output Voltage Temperature Coefficient items.
3. The maximum Input Voltage of the ELECTRICAL CHARACTERISTICS is 5.25V. In case of exceeding this
specification, the IC must be operated on condition that the Input Voltage is up to 5.5V and the total
operating time is within 500hrs.


Similar Part No. - LR8XXYYBG-AE6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR8XXYY UTC-LR8XXYY Datasheet
174Kb / 6P
   150mA DUAL LDO REGULATOR
More results

Similar Description - LR8XXYYBG-AE6-R

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXFA1FP3 ROHM-BDXXFA1FP3 Datasheet
459Kb / 17P
   High accuracy output voltage
logo
Micross Components
AS29372 MICROSS-AS29372 Datasheet
660Kb / 10P
   High output voltage accuracy
logo
STMicroelectronics
L6706 STMICROELECTRONICS-L6706 Datasheet
623Kb / 47P
   High output voltage accuracy
January 2010 Rev 2
logo
Analog Devices
ADP7183-EVALZ AD-ADP7183-EVALZ Datasheet
440Kb / 9P
   Output voltage accuracy
logo
Panasonic Semiconductor
AN1433SSM PANASONIC-AN1433SSM Datasheet
98Kb / 7P
   High accuracy, variable output, low voltage operation shunt regulator
logo
Texas Instruments
LP2950-N TI-LP2950-N Datasheet
1Mb / 43P
[Old version datasheet]   5V, 3V, and 3.3V Versions Available, High Accuracy Output Voltage
logo
Maxim Integrated Produc...
MAX6666 MAXIM-MAX6666_V01 Datasheet
1Mb / 7P
   High-Accuracy PWM Output Temperature Sensors
2014
MAX6666 MAXIM-MAX6666 Datasheet
268Kb / 8P
   High-Accuracy PWM Output Temperature Sensors
Rev 1; 12/03
MAX6666 MAXIM-MAX6666_09 Datasheet
124Kb / 7P
   High-Accuracy PWM Output Temperature Sensors
Rev 3; 8/09
logo
Analog Devices
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
   Micropower, High Accuracy Voltage References
REV. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com