Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQY212GH Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # AQY212GH
Description  PhotoMOS RELAYS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQY212GH Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  AQY212GH Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQY212GH Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQY212GH Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQY212GH Datasheet HTML 4Page - Nais(Matsushita Electric Works) AQY212GH Datasheet HTML 5Page - Nais(Matsushita Electric Works) AQY212GH Datasheet HTML 6Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AQY212GH
5
Cautions for Use
SAFETY WARNINGS
• Do not use the product under conditions
that exceed the range of its specifications.
It may cause overheating, smoke, or fire.
• Do not touch the recharging unit while
the power is on. There is a danger of
electrical shock. Be sure to turn off the
power when performing mounting,
maintenance, or repair operations on the
relay (including connecting parts such as
the terminal board and socket).
• Check the connection diagrams in the
catalog and be sure to connect the
terminals correctly. Erroneous
connections could lead to unexpected
operating errors, overheating, or fire.
NOTES
1. Short across terminals
Do not short circuit between terminals
when relay is energized. There is
possibility of breaking the internal IC.
2. Surge voltages at the input
If reverse surge voltages are present at
the input terminals, connect a diode in
reverse parallel across the input terminals
and keep the reverse voltages below the
reverse breakdown voltage.
3. Recommended LED forward current
(IF)
It is recommended that the LED forward
current (IF) be kept at 5mA.
4. Ripple in the input power supply
If ripple is present in the input power
supply, observe the following:
1) For LED operate current at Emin,
maintain the value mentioned in the table
of “Note 3. Recommended LED forward
current (IF).”
2) Keep the LED operate current at 50
mA or less at Emax.
5. Output spike voltages
1) If an inductive load generates spike
voltages which exceed the absolute
maximum rating, the spike voltage must
be limited.
Typical circuits are shown below.
2) If spike voltages generated at the load
are limited with a clamp diode and the
circuit wires are long, spike voltages will
occur by inductance. Keep wires as short
as possible to minimize inductance.
6. Cleaning solvents compatibility
Dip cleaning with an organic solvent is
recommended for removal of solder flux,
dust, etc. Select a cleaning solvent from
the following table. If ultrasonic cleaning is
used, the severity of factors such as
frequency, output power and cleaning
solvent selected may cause loose wires
and other defects. Make sure these
conditions are correct before use. For
details, please consult us.
1
2
4
3
Emin.
Emax.
1
2
4
Load
Add a clamp diode
to the load
Add a CR snubber
circuit to the load
Load
3
1
2
4
3
Cleaning solvent
Compatibility
(r: Yes !: No)
Chlorine-
base
• Trichlene
• Chloroethlene
r
Adueous
• Indusco
• Hollis
• Lonco Terg
r
Alcohol-
base
• IPA
• Ethanol
r
Others
• Thinner
• Gasoline
!
7. Soldering
1) When soldering PC board terminals,
keep soldering time to within 10 s at
260
°C 500°F.
2) When soldering surface-mount
terminals, the following conditions are
recommended.
(1) IR (Infrared reflow) soldering method
(2) Vapor phase soldering method
(3) Double wave soldering method
T1
T2
T3
T1 = 155 to 165
°C 311 to 329°F
T2 = 180
°C 200°C 356 to 392°F
T3 = 245
°C 473°F or less
t1 = 120 s or less
t2 = 30 s or less
t1
t2
T2
T1
t1
t2
T1 = 180 to 200
°C 366 to 392°F
T2 = 215
°C 419°F or less
t1 = 40 s
t2 = 90 s or less
T2
T1
t1
t2
t3
T1 = 155 to 165
°C 311 to 329°F
T2 = 260
°C 500°F or less
t1 = 60 s or less
t2+t3 = 5 s or less
(4) Soldering iron method
Tip temperature: 280 to 300
°C 536 to
572
°F
Wattage: 30 to 60 W
Soldering time: within 5 s
(5) Others
Check mounting conditions before using
other soldering methods (hot-air, hot
plate, pulse heater, etc.)
• The temperature profile indicates the
temperature of the soldered terminal on
the surface of the PC board. The ambient
temperature may increase excessively.
Check the temperature under mounting
conditions.
• The conditions for the infrared reflow
soldering apply when preheating using
the VPS method.
AQY212GH.fm5
y[W QOOQNU
Sœ@˛jœ@
ªPQ
QT“


Similar Part No. - AQY212GH

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY212GS NAIS-AQY212GS Datasheet
143Kb / 6P
   PhotoMOS RELAYS
AQY212GSX NAIS-AQY212GSX Datasheet
143Kb / 6P
   PhotoMOS RELAYS
AQY212GSZ NAIS-AQY212GSZ Datasheet
143Kb / 6P
   PhotoMOS RELAYS
More results

Similar Description - AQY212GH

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY221N3V NAIS-AQY221N3V Datasheet
153Kb / 6P
   PhotoMOS RELAYS
AQX21444 NAIS-AQX21444 Datasheet
53Kb / 3P
   PhotoMOS RELAYS
AQY221N2S NAIS-AQY221N2S Datasheet
35Kb / 4P
   PHOTOMOS RELAYS
AQS210 NAIS-AQS210 Datasheet
58Kb / 4P
   PhotoMOS RELAYS
AQV112KL NAIS-AQV112KL Datasheet
137Kb / 6P
   PhotoMOS RELAYS
AQY212GS NAIS-AQY212GS Datasheet
143Kb / 6P
   PhotoMOS RELAYS
AQW254 NAIS-AQW254 Datasheet
44Kb / 3P
   PhotoMOS RELAYS
AQW610S NAIS-AQW610S Datasheet
121Kb / 3P
   PhotoMOS RELAYS
AQW272 NAIS-AQW272 Datasheet
64Kb / 4P
   PhotoMOS RELAYS
AQW610EHA NAIS-AQW610EHA Datasheet
48Kb / 3P
   PhotoMOS RELAYS
AQY210KS NAIS-AQY210KS Datasheet
40Kb / 4P
   PhotoMOS RELAYS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com