Electronic Components Datasheet Search |
|
860160472006 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
860160472006 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
1 / 7 page 1.0 REV 2014-11-11 DATE SSt BY PSL CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION WCAP-ATLL Aluminum Electrolytic Capacitors Order.- No. 860160472006 SIZE A4 Size: 5.0 x 11.0 A Dimensions: [mm] D ±0.5 P ±0.5 L ±t t Pin Ø ±0.02 a b 5.0 2.0 11.0 1.5 0.5 2.0 0.8 B Recommended hole pattern: [mm] C Schematic: D1 Electrical Properties: Properties Capacitance Rated voltage Leakage current Dissipation factor Ripple current Impedance Test conditions 0.25V; 120Hz after 2 min. 120 Hz 100kHz @105°C 100kHz @20°C C UR ILeak DF Iripple Z Value 39 25 9.75 14 174 1.50 Unit µF V (DC) μA % mA Ω Tol. ± 20% max. max. typ. max. max. E General information: Aluminium Electrolytic Capacitors Storage Conditions: Operating Temperature: Load Life: Test conditions of Electrical Proper- ties: FIT according to 35°C, <45% RH -55 °C up to +105 °C 4000 h @ +105°C / 25 V (DC) 20°C, 33% RH; if not specified differently separate documentation This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
Similar Part No. - 860160472006 |
|
Similar Description - 860160472006 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |