Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEDS-5605-H13 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HEDS-5605-H13
Description  Quick Assembly Two and Three Channel Optical Encoders
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HEDS-5605-H13 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HEDS-5605-H13 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HEDS-5605-H13 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HEDS-5605-H13 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HEDS-5605-H13 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HEDS-5605-H13 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HEDS-5605-H13 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HEDS-5605-H13 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HEDS-5605-H13 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HEDS-5605-H13 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Quick Assembly
Two and Three Channel Optical
Encoders
Technical Data
ESD WARNING: NORMAL HANDLING PRECAUTIONS SHOULD BE TAKEN TO AVOID STATIC DISCHARGE.
Features
• Two Channel Quadrature
Output with Optional Index
Pulse
• Quick and Easy Assembly
• No Signal Adjustment
Required
• External Mounting Ears
Available
• Low Cost
• Resolutions Up to 1024
Counts Per Revolution
• Small Size
• -40
°C to 100°C Operating
Temperature
• TTL Compatible
• Single 5 V Supply
Description
The HEDS-5500/5540, HEDS-
5600/5640, and HEDM-5500/
5600 are high performance, low
cost, two and three channel
optical incremental encoders.
These encoders emphasize high
reliability, high resolution, and
easy assembly.
Each encoder contains a lensed
LED source, an integrated circuit
with detectors and output
circuitry, and a codewheel which
rotates between the emitter and
detector IC. The outputs of the
HEDS-5500/5600 and HEDM-
5500/ 5600 are two square waves
in quadrature. The HEDS-5540
and 5640 also have a third chan-
nel index output in addition to the
two channel quadrature. This
index output is a 90 electrical
degree, high true index pulse
which is generated once for each
full rotation of the codewheel.
The HEDS series utilizes metal
codewheels, while the HEDM
series utilizes a film codewheel
allowing for resolutions to 1024
CPR. The HEDM series is nont
available with a third channel
index.
These encoders may be quickly
and easily mounted to a motor.
For larger diameter motors, the
HEDM-5600, and HEDS-5600/
5640 feature external mounting
ears.
The quadrature signals and the
index pulse are accessed through
five 0.025 inch square pins
located on 0.1 inch centers.
Standard resolutions between 96
and 1024 counts per revolution
are presently available. Consult
local Agilent sales representatives
for other resolutions.
Applications
The HEDS-5500, 5540, 5600,
5640, and the HEDM-5500, 5600
provide motion detection at a low
cost, making them ideal for high
volume applications. Typical
applications include printers,
plotters, tape drives, positioning
tables, and automatic handlers.
HEDM-550x/560x
HEDS-550x/554x
HEDS-560x/564x
Note: Agilent Technologies
encoders are not recommended
for use in safety critical
applications. Eg. ABS braking
systems, power steering, life
support systems and critical care
medical equipment. Please
contact sales representative if
more clarification is needed.


Similar Part No. - HEDS-5605-H13

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5605 AVAGO-HEDS-5605 Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5605 AVAGO-HEDS-5605 Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5605 AVAGO-HEDS-5605 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
More results

Similar Description - HEDS-5605-H13

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-5500A06 AVAGO-HEDS-5500A06 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-5500-B14 AVAGO-HEDM-5500-B14 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5500-A14 AVAGO-HEDS-5500-A14 Datasheet
316Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDS-5645I13 AVAGO-HEDS-5645I13 Datasheet
310Kb / 13P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-550X AVAGO-HEDM-550X Datasheet
232Kb / 14P
   Quick Assembly Two and Three Channel Optical Encoders
HEDM-55XX AVAGO-HEDM-55XX Datasheet
1Mb / 12P
   Quick Assembly Two and Three Channel Optical Encoders
AEDM-5XXX AVAGO-AEDM-5XXX Datasheet
351Kb / 9P
   Quick Assembly High Resolution Three Channel Optical Encoders
HEDR-5XXX AVAGO-HEDR-5XXX Datasheet
313Kb / 6P
   Three Channel Quick Assembly Encoders
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
AEDL-5XXX AVAGO-AEDL-5XXX Datasheet
321Kb / 8P
   Quick Assembly High Resolution Three Channel Optical Encoders with Differential Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com