Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3557SD-2 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3557SD-2
Description  Step-Up Converter for White LED Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3557SD-2 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3557SD-2 Datasheet HTML 3Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 4Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 5Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 6Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 7Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 8Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 9Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 10Page - National Semiconductor (TI) LM3557SD-2 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Application Information (Continued)
20131626
20131627
t
ON:
Internal Power FET On-Time.
T
S:
Switching Period of Operation.
D:
Duty Cycle for DCM Operation.
V
OUT: Output Voltage.
V
IN:
Input Voltage.
I
OUT:
White LED Current/Load Current.
Fs:
Switching Frequency.
Eff:
Efficiency of the LM3557.
L:
Inductor Value/Inductance Magnitude.
INDUCTOR SELECTION
In order to maintain inductance, an inductor used with the
LM3557 should have a saturation current rating larger than
the peak inductor current of the particular application. Induc-
tors with low DCR values contribute decreased power losses
and increased efficiency. The peak inductor current can be
computed for both modes of operation: CCM (continuous
current mode) and DCM (discontinuous current mode).
The cycle-by-cycle peak inductor current for CCM operation
can be computed with:
20131628
20131629
V
IN:
Input Voltage.
Eff:
Efficiency of the LM3557.
Fs:
Switching Frequency.
I
OUT:
White LED Current/Load Current.
L:
Inductance Magnitude/Inductor Value.
D:
Duty Cycle for CCM Operation.
I
Peak:
Peak Inductor Current.
∆i
L:
Inductor Ripple Current.
I
L(avg): Average Inductor Current.
The cycle-by-cycle peak inductor current for DCM operation
can be computed with:
20131630
V
IN:
Input Voltage.
Fs:
Switching Frequency.
L:
Inductance Magnitude/Inductor Value.
D:
Duty Cycle for DCM Operation.
I
Peak: Peak Inductor Current.
Some recommended inductor manufacturers are as follows:
Coilcraft [www.coilcraft.com]
Coiltronics [www.cooperet.com]
TDK [www.tdk.com]
CAPACITOR SELECTION
Multilayer ceramic capacitors are the best choice for use
with the LM3557. Multilayer ceramic capacitors have the
lowest equivalent series resistance (ESR). Applied voltage
or DC bias, temperature, dielectric material type (X7R, X5R,
Y5V, etc), and manufacturer component tolerance have an
affect on the true or effective capacitance of a ceramic
capacitor. Be aware of how your application will affect a
particular ceramic capacitor by analyzing the aforemen-
tioned factors of your application. Before selecting a capaci-
tor always consult the capacitor manufacturer’s data curves
to verify the effective or true capacitance of the capacitor in
your application.
INPUT CAPACITOR SELECTION
The input capacitor serves as an energy reservoir for the
inductor. In addition to acting as an energy reservoir for the
inductor the input capacitor is necessary for the reduction in
input voltage ripple and noise experienced by the LM3557.
The reduction in input voltage ripple and noise helps ensure
the LM3557’s proper operation, and reduces the effect of the
LM3557 on other devices sharing the same supply voltage.
To ensure low input voltage ripple, the input capacitor must
have an extremely low ESR. As a result of the low input
voltage ripple requirement multilayer ceramic capacitors are
the best choice. A minimum capacitance of 2.0 µF is required
for normal operation, consult the capacitor manufacturer’s
data curves to verify whether the minimum capacitance re-
quirement is going to be achieved for a particular application.
OUTPUT CAPACITOR SELECTION
The output capacitor serves as an energy reservoir for the
white LED load when the internal power FET switch (Figure
2: N1) is ON or conducting current. The requirements for the
output capacitor must include worst case operation such as
when the load opens up and the LM3557 operates in over-
voltage protection (OVP) mode operation. A minimum ca-
pacitance of 0.5 µF is required to ensure normal operation.
Consult the capacitor manufacturer’s data curves to verify
whether the minimum capacitance requirement is going to
be achieved for a particular application.
Some recommended capacitor manufacturers are as fol-
lows:
TDK
[www.tdk.com]
Murata
[www.murata.com]
Vishay
[www.vishay.com]
DIODE SELECTION
To maintain high efficiency it is recommended that the aver-
age current rating (I
F or IO) of the selected diode should be
larger than the peak inductor current (I
Lpeak). To maintain
diode integrity the peak repetitive forward current (I
FRM)
must be greater than or equal to the peak inductor current
(I
Lpeak). Diodes with low forward voltage ratings (VF) and low
www.national.com
9


Similar Part No. - LM3557SD-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557SD-2 NSC-LM3557SD-2 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557SD-2/NOPB TI1-LM3557SD-2/NOPB Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
More results

Similar Description - LM3557SD-2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3557 NSC-LM3557 Datasheet
642Kb / 11P
   Step-Up Converter for White LED Applications
LM3502 NSC-LM3502_06 Datasheet
924Kb / 18P
   Step-Up Converter for White LED Applications
logo
Texas Instruments
LM3557 TI1-LM3557 Datasheet
944Kb / 19P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
LM3502 TI1-LM3502_15 Datasheet
1Mb / 28P
[Old version datasheet]   Step-Up Converter for White LED Applications
logo
National Semiconductor ...
LM3502 NSC-LM3502 Datasheet
928Kb / 18P
   Step-Up Converter for White LED Applications
LM3501 NSC-LM3501 Datasheet
1Mb / 18P
   Synchronous Step-up DC/DC Converter for White LED Applications
logo
Texas Instruments
LM3500 TI1-LM3500_14 Datasheet
1Mb / 25P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501_14 Datasheet
1Mb / 26P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
LM3501 TI1-LM3501 Datasheet
1Mb / 27P
[Old version datasheet]   Synchronous Step-up DC/DC Converter for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com