Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C103-XXL Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C103-XXL
Description  Precision Clock Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C103-XXL Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6C103-XXL Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C103-XXL Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C103-XXL Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C103-XXL Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C103-XXL Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C103-XXL Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C103-XXL Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C103-XXL Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C103-XXL Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
227
PS8315-2
04/08/99
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C103
Precision Clock Synthesizer for Mobile PCs
Storage Temperature ............................................................ –65°C to +150°C
Ambient Temperature with Power Applied ............................. –0°C to +70°C
3.3V Supply Voltage to Ground Potential ............................. –0.5V to +4.6V
2.5V Supply Voltage to Ground Potential ............................. –0.5V to +3.6V
DC Input Voltage ................................................................... –0.5V to +4.6V
DCElectricalCharacteristics
(VDDQ3=+3.3V±5%,VDDQ2=+2.5V±5%,TA=0°Cto+70°C)
6
1
-
2
0
1
C
6
I
P
n
o
it
i
d
n
o
C
n
o
it
p
m
u
s
n
o
C
y
l
p
p
u
S
V
5
.
2
.
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
si
d
.
x
a
M
V
2
Q
D
D
V
5
2
6
.
2
=
V
=
s
t
u
p
n
i
c
it
a
t
s
ll
A
3
Q
D
D
V
r
o
S
S
n
o
it
p
m
u
s
n
o
C
y
l
p
p
u
S
V
3
.
3
.
x
a
M
,
s
d
a
o
l
p
a
c
e
t
e
r
c
si
d
.
x
a
M
V
3
Q
D
D
V
5
6
4
.
3
=
V
=
s
t
u
p
n
i
c
it
a
t
s
ll
A
3
Q
D
D
V
r
o
S
S
e
d
o
M
n
w
o
d
r
e
w
o
P
)
0
=
#
N
W
D
R
W
P
(
0
0
1 µA0
0
5 µA
z
H
M
6
6
e
v
it
c
A
0
=
#
6
6
/
0
0
1
L
E
S
A
m
2
7A
m
0
7
1
z
H
M
0
0
1
e
v
it
c
A
1
=
#
6
6
/
0
0
1
L
E
S
A
m
0
0
1A
m
0
7
1
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.


Similar Part No. - PI6C103-XXL

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C100V PERICOM-PI6C100V Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C102H PERICOM-PI6C102H Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
More results

Similar Description - PI6C103-XXL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI6C6612 DIODES-PI6C6612 Datasheet
367Kb / 5P
   3.3V Precision Audio Clock Synthesizer
11/12/08
logo
Micrel Semiconductor
SY89529L MICREL-SY89529L Datasheet
169Kb / 11P
   3.3V 200MHz PRECISION SPREADSPECTRUM CLOCK SYNTHESIZER
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
   Precision Clock Synthesizer for Desktop PC’s
logo
Integrated Circuit Syst...
ICS650-05 ICST-ICS650-05 Datasheet
59Kb / 4P
   HDTV Clock Synthesizer
logo
Renesas Technology Corp
ICS667-01 RENESAS-ICS667-01 Datasheet
312Kb / 7P
   HDTV CLOCK SYNTHESIZER
051310
logo
Integrated Circuit Syst...
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
   Networking Clock Synthesizer
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
   NETWORKING CLOCK SYNTHESIZER
012313
logo
Integrated Circuit Syst...
ICS1527 ICST-ICS1527 Datasheet
625Kb / 11P
   Video Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com