Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29LV800T-80TI Datasheet(PDF) 10 Page - ANADIGICS, Inc

Part # AS29LV800T-80TI
Description  3V 1M횞8/512K횞16 CMOS Flash EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AS29LV800T-80TI Datasheet(HTML) 10 Page - ANADIGICS, Inc

Back Button AS29LV800T-80TI Datasheet HTML 6Page - ANADIGICS, Inc AS29LV800T-80TI Datasheet HTML 7Page - ANADIGICS, Inc AS29LV800T-80TI Datasheet HTML 8Page - ANADIGICS, Inc AS29LV800T-80TI Datasheet HTML 9Page - ANADIGICS, Inc AS29LV800T-80TI Datasheet HTML 10Page - ANADIGICS, Inc AS29LV800T-80TI Datasheet HTML 11Page - ANADIGICS, Inc AS29LV800T-80TI Datasheet HTML 12Page - ANADIGICS, Inc AS29LV800T-80TI Datasheet HTML 13Page - ANADIGICS, Inc AS29LV800T-80TI Datasheet HTML 14Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
AS29LV800
®
3/22/01; V.1.0
Alliance Semiconductor
P. 10 of 25
March 2001
Status operations
Write operation status
DQ2 toggles when an erase-suspended sector is read repeatedly.
DQ6 toggles when any address is read repeatedly.
DQ2 = 1 if byte address being programmed is read during erase-suspend program mode.
DQ2 toggles when the read address applied points to a sector which is undergoing erase, suspended erase, or a failure to erase.
DATA polling (DQ7)
Only active during automated on-chip algorithms or sector erase time outs. DQ7 reflects
complement of data last written when read during the automated on-chip program algorithm (0
during erase algorithm); reflects true data when read after completion of an automated on-chip
program algorithm (1 after completion of erase agorithm).
Toggle bit 1 (DQ6)
Active during automated on-chip algorithms or sector erase time outs. DQ6 toggles when CE or OE
toggles, or an Erase Resume command is invoked. DQ6 is valid after the rising edge of the fourth
pulse of WE during programming; after the rising edge of the sixth WE pulse during chip erase;
after the last rising edge of the sector erase WE pulse for sector erase. For protected sectors,
DQ6 toggles for <1 µs during program mode writes, and <5 µs during erase (if all selected sectors
are protected).
Exceeding time limit
(DQ5)
Indicates unsuccessful completion of program/erase operation (DQ5 = 1). DATA polling remains
active. If DQ5 = 1 during chip erase, all or some sectors are defective; during byte programming or
sector erase, the sector is defective (in this case, reset the device and execute a program or erase
command sequence to continue working with functional sectors). Attempting to program 0 to 1
will set DQ5 = 1.
Sector erase timer
(DQ3)
Checks whether sector erase timer window is open. If DQ3 = 1, erase is in progress; no commands
will be accepted. If DQ3 = 0, the device will accept sector erase commands. Check DQ3 before and
after each Sector Erase command to verify that the command was accepted.
Toggle bit 2 (DQ2)
During sector erase, DQ2 toggles with OE or CE only during an attempt to read a sector being
erased. During chip erase, DQ2 toggles with OE or CE for all addresses. If DQ5 = 1, DQ2 toggles
only at sector addresses where failure occurred, and will not toggle at other sector addresses. Use
DQ2 in conjunction with DQ6 to determine whether device is in auto erase or erase suspend
mode.
Status
DQ7
DQ6
DQ5
DQ3
DQ2
RY/BY
Standard mode
Auto programming
DQ7
Toggle
0
N/A
No toggle
0
Program/erase in auto erase
0
Toggle
0
1
Toggle
0
Erase suspend mode
Read erasing sector
1
No toggle
0
N/A
Toggle
1
Read non-erasing sector
Data
Data
Data
Data
Data
1
Program in erase suspend
DQ7
Toggle
0
N/A
Toggle
0
Exceeded time limits
Auto programming (byte)
DQ7
Toggle
1
N/A
No toggle
1
Program/erase in auto erase
0
Toggle
1
N/A
Toggle
1
Program in erase suspend
(non-erase suspended sector)
DQ7
Toggle
1
N/A
No toggle
1


Similar Part No. - AS29LV800T-80TI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results

Similar Description - AS29LV800T-80TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L29S800F ETC-L29S800F Datasheet
797Kb / 54P
   8MEGABIT (1M횞8 /512K횞16) 3 VOLT CMOS FLASH MEMERY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
   CMOS IC 8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29LV400 ALSC-AS29LV400 Datasheet
227Kb / 25P
   3V 512K x 8/256K 횞 16 CMOS Flash EEPROM
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Macronix International
MX25L802 MCNIX-MX25L802 Datasheet
281Kb / 24P
   8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com