Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91EB42 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91EB42
Description  AT91EB42 Evaluation Board
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91EB42 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91EB42 Datasheet HTML 7Page - ATMEL Corporation AT91EB42 Datasheet HTML 8Page - ATMEL Corporation AT91EB42 Datasheet HTML 9Page - ATMEL Corporation AT91EB42 Datasheet HTML 10Page - ATMEL Corporation AT91EB42 Datasheet HTML 11Page - ATMEL Corporation AT91EB42 Datasheet HTML 12Page - ATMEL Corporation AT91EB42 Datasheet HTML 13Page - ATMEL Corporation AT91EB42 Datasheet HTML 14Page - ATMEL Corporation AT91EB42 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AT91EB42 Evaluation Board User Guide
4-1
Section 4
Circuit Description
4.1
AT91M42800
Processor
Figure 6-1 on page 6-2 shows the AT91M42800. The footprint is for a 144-pin TQFP
package.
Strap CB20 enables the user to choose between the standard ICE debug mode and the
JTAG boundary scan mode of operation.
The operating mode is defined by the state of the JTAGSEL input detected at reset.
Jumper JP5 (see Figure 6-8 on page 6-9 in Section 6, “Appendix B – Schematics”) can
be removed by the user to allow measurement of the current demand by the whole
microcontroller (V
DDIO and VDDCORE). Jumper JP8 can be removed to measure the core
microcontroller consumption (V
DDCORE).
4.2
Expansion
Connectors and
JTAG Interface
The two expansion connectors, I/O expansion connector and EBI expansion connector,
and the JTAG interface are described below.
The I/O and EBI expansion connectors’ pinout and position are compatible with the
other evaluation boards (except the I/O expansion connector pinout and position of the
EB40) so that users can connect their prototype daughter boards to any of these evalu-
ation boards.
4.2.1
I/O Expansion
Connector
The I/O expansion connector makes the general-purpose I/O (GPIO) lines, VCC3V3
and Ground, available to the user. Configuration straps CB2, CB3, CB4, CB11, CB13,
CB14, CB15, CB17, CB18 and CB19 are used to select between the I/O lines being
used by the evaluation board or by the user via the I/O expansion connector. The con-
nector is not fitted at the factory; however, the user can fit any 32 x 2 connector on a 0.1"
(2.54 mm) pitch.
4.2.2
EBI Expansion
Connector
The schematic (Figure 6-4 on page 6-5 in Section 6, “Appendix B – Schematics”) also
shows the bus expansion connector which, like the I/O expansion connector, is not fitted
at the factory. The user can fit any 32 x 2 connector on a 0.1" (2.54 mm) pitch to gain
access to the data, address, chip select, read/write, oscillator output and wait request
pins. VCC3V3 and ground are also available on this connector.
Configuration strap CB1, when open, allows the user to connect the EBI expansion con-
nector to the MPI expansion connector of an AT91EB63 evaluation board without any
conflicts.
4.2.3
JTAG Interface
An ARM
®-standard 20-pin box header (P5) is provided to enable connection of an ICE
interface to the JTAG inputs on the AT91. This allows code to be developed on the
board without using system resources such as memory and serial ports.


Similar Part No. - AT91EB42

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91EB55 ATMEL-AT91EB55 Datasheet
498Kb / 37P
   AT91EB55 Evaluation Board
More results

Similar Description - AT91EB42

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com