Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCAN25100_0611 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCAN25100_0611
Description  2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCAN25100_0611 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  SCAN25100_0611 Datasheet HTML 1Page - National Semiconductor (TI) SCAN25100_0611 Datasheet HTML 2Page - National Semiconductor (TI) SCAN25100_0611 Datasheet HTML 3Page - National Semiconductor (TI) SCAN25100_0611 Datasheet HTML 4Page - National Semiconductor (TI) SCAN25100_0611 Datasheet HTML 5Page - National Semiconductor (TI) SCAN25100_0611 Datasheet HTML 6Page - National Semiconductor (TI) SCAN25100_0611 Datasheet HTML 7Page - National Semiconductor (TI) SCAN25100_0611 Datasheet HTML 8Page - National Semiconductor (TI) SCAN25100_0611 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
November 2006
SCAN25100
2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE
Sync and Precision Delay Calibration Measurement
General Description
The SCAN25100 is a 2457.6, 1228.8, and 614.4 Mbps seri-
alizer/deseralizer (SerDes) for high-speed bidirectional serial
data transmission over FR-4 printed circuit board backplanes,
balanced cables, and optical fiber. The SCAN25100 inte-
grates precision delay calibration measurement (DCM) cir-
cuitry that measures link delay components to better than ±
800 ps accuracy.
The SCAN25100 features independent transmit and receive
PLLs, on-chip oscillator, and intelligent clock management
circuitry to automatically perform remote radio head synchro-
nization and reduce the cost and complexity of external clock
networks.
The SCAN25100 is programmable though an MDIO interface
as well as through pins, featuring configurable transmitter de-
emphasis, receiver equalization, speed rate selection, inter-
nal pattern generation/verification, and loop back modes. In
addition to at-speed BIST, the SCAN25100 includes IEEE
1149.1 and 1149.6 testability.
Note: For a full datasheet of the SCAN25100 please con-
tact your local National Semiconductor representitive.
Features
Exceeds LV and HV CPRI voltage and jitter requirements
2457.6, 1228.8, and 614.4 Mbps operation
Integrated delay calibration measurement (DCM) directly
measures T14 and Toffset delays to
± 800 ps
DCM also measures chip and other delays to ± 1200 ps
accuracy
Deterministic chip latency
Automatic receiver lock and RE synchronization without
reference clock or external crystal
Independent transmit and receive PLLs for seamless RE
synchronization
Low noise recovered clock output
Requires no jitter cleaning in single-hop applications
>8 kV ESD on the CML IO, >7 kV on all other pins, >2 kV
CDM
Hot plug protection
LOS, LOF, 8b/10b line code violation, comma, and
receiver PLL lock reporting
Programmable hyperframe length and start of hyperframe
character
Programmable transmit de-emphasis and receive
equalization with on-chip termination
Advanced testability features
— IEEE 1149.1 and 1149.6
— At-speed BIST pattern generator/verifier
— Multiple loopback modes
1.8V or 3.3V compatible parallel bus interface
100-pin TQFP package with exposed dap
Industrial –40 to +85° C temperature range
Block Diagram
20183442
© 2006 National Semiconductor Corporation
201834
www.national.com


Similar Part No. - SCAN25100_0611

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN25100 NSC-SCAN25100_08 Datasheet
731Kb / 34P
   2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
More results

Similar Description - SCAN25100_0611

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN25100 NSC-SCAN25100 Datasheet
521Kb / 3P
   2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
SCAN25100 NSC-SCAN25100_08 Datasheet
731Kb / 34P
   2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
Texas Instruments
SCAN25100 TI1-SCAN25100_16 Datasheet
334Kb / 38P
[Old version datasheet]   SCAN25100 2457.6, 1228.8, and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
National Semiconductor ...
SCAN12100 NSC-SCAN12100 Datasheet
348Kb / 14P
   1228.8 and 614.4 Mbps CPRI SerDes with Auto RE Sync and Precision Delay Calibration Measurement
logo
Analog Devices
ADN2905 AD-ADN2905 Datasheet
666Kb / 27P
   CPRI and 10G Ethernet Data Recovery IC with Amp/EQ from 614.4 Mbps to 10.3125 Gbps
logo
Source Photonics, Inc.
SP-MR-SR1-IDFD SOURCE-SP-MR-SR1-IDFD Datasheet
256Kb / 9P
   Support 614.4 - 2457.6Mbps CPRI multi rate
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
   Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
logo
List of Unclassifed Man...
WT6802 ETC-WT6802 Datasheet
143Kb / 5P
   Monitor OSD with Auto-calibration
logo
Silicon Laboratories
SI1010-A SILABS-SI1010-A Datasheet
986Kb / 2P
   Auto-frequency calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com