Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMLDL-3030Z Datasheet(PDF) 4 Page - AIMTEC

Part # AMLDL-3030Z
Description  Up to 1000mA | LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3030Z Datasheet(HTML) 4 Page - AIMTEC

  AMLDL-3030Z Datasheet HTML 1Page - AIMTEC AMLDL-3030Z Datasheet HTML 2Page - AIMTEC AMLDL-3030Z Datasheet HTML 3Page - AIMTEC AMLDL-3030Z Datasheet HTML 4Page - AIMTEC AMLDL-3030Z Datasheet HTML 5Page - AIMTEC AMLDL-3030Z Datasheet HTML 6Page - AIMTEC AMLDL-3030Z Datasheet HTML 7Page - AIMTEC AMLDL-3030Z Datasheet HTML 8Page - AIMTEC AMLDL-3030Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Series AMLDL-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9.I
4 of 14
North America only
Output Current Adjustment by External DC Control Voltage:
Resistive Dimming Control
A simplified dimming control can be achieved using a variable resistor connected between VADJ and GND. Capacitor CADJ
is optional, it is installed to limit AC mains interference and high frequency noise. The recommended value of CADJ is
0.22µF.
Ioutnom= Iout x Radj
Radj + 200K
The nominal output current is given by:
NOTE: Typical error is ±10% with resistive dimming control
Model Number
X
AMLDL-3030Z
0.327
AMLDL-3035Z
0.280
AMLDL-3050Z
0.197
AMLDL-3060Z
0.165
AMLDL-3070Z
0.1388
AMLDL-30100Z
0.095
AMLDL-Z
-Vin
VADJ
1st LED
Last LED
+Vout
1
1
-Vout
0.3 -1.25V
GND
AMLDL-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
+Vin
1
TL431
10K
10K
10K
VADJ =
R2
R1 + R2 X Vctrl
AMLDL-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
+5v
10K
30K
R2
R1
Vctrl
AMLDL-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
RADJ
CADJ
The nominal output current is given by:
0.08 x Vadj
X
Iout ˜


Similar Part No. - AMLDL-3030Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDL-3030Z AIMTEC-AMLDL-3030Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDL-3030Z AIMTEC-AMLDL-3030Z Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
More results

Similar Description - AMLDL-3030Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com