Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCANSTA101 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SCANSTA101
Description  Low Voltage IEEE 1149.1 STA Master
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SCANSTA101 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  SCANSTA101_06 Datasheet HTML 1Page - National Semiconductor (TI) SCANSTA101_06 Datasheet HTML 2Page - National Semiconductor (TI) SCANSTA101_06 Datasheet HTML 3Page - National Semiconductor (TI) SCANSTA101_06 Datasheet HTML 4Page - National Semiconductor (TI) SCANSTA101_06 Datasheet HTML 5Page - National Semiconductor (TI) SCANSTA101_06 Datasheet HTML 6Page - National Semiconductor (TI) SCANSTA101_06 Datasheet HTML 7Page - National Semiconductor (TI) SCANSTA101_06 Datasheet HTML 8Page - National Semiconductor (TI) SCANSTA101_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TABLE 2. Pin Descriptions
Pin
Description
Name
No. Pins
I/O
VCC
4
N/A
Power
GND
4
N/A
Ground
D(15:0)
16
I/O
Bidirectional Data Bus. Signals are bonded out for the packaged device. D15 and D14
are shared pins with SCAN_IN, and SCAN_OUT respectively.
D(31:16)
(Note 1)
16
I/O
Bidirectional Data Bus. These signals are not available in the packaged device.
A(4:0)
5
I
Address Bus
SCK
1
I
The system clock that drives all internal timing. TCK_SM is a gated, divided and buffered
version of SCK.
INT
1
O
Interrupt Output
OE
1
I
Output enable that tristates all 1149.1 "_SM" outputs when high.
DTACK
1
O
DTACK is used to synchronize asynchronous transfers between the host and the
STA101. When CE is high, DTACK is tristated. When CE is low, DTACK is enabled.
DTACK goes low when data has been registered and then goes tri-state when the cycle
has completed.
R/W
1
I
R/W defines a PPI cycle. Read when high, write when low.
STB
1
I
Strobe is used for timing all PPI transfers. D(15:0), or D(31:0) in 32-bit mode, are
tristated when STB is high. Data valid setup is with respect to the falling edge of STB
and data valid hold is with respect to rising edge of STB.
CE
1
I
Chip Enable, when low, enables the PPI for data transfers. CE can remain low during
back-to-back accesses. D(15:0), or D(31:0) in 32-bit mode, and DTACK are tristated
when CE is high.
RST
1
I
Asynchronous reset, when low, initializes the STA101.
TDO
1
O
Test Data Out is the serial scan output from the STA101. TDO is enabled when OE is
low.
TDI
1
I
Test Data In is the serial scan input to the STA101.
TMS
1
I
Test Mode Select. The Test Mode Select pin is a serial input used to accept control logic
to the Test & debug interface.
TCK
1
I
Test Clock Input for 1149.1
TRST
1
I
Test Reset. This pin should be tied to ground by a 1K resistor to hold the Test and Debug
Interface in the Test-Logic-Reset state during device power-up. This avoids invalid
states when ramping supply voltages.
TDI_SM
1
I
Scan Master Test Data Input in the Serial Scan Interface
TDO_SM
1
O
Scan Master Test Data Output in the Serial Scan Interface
TMS_SM
1
O
Scan Master Test Mode Select in the Serial Scan Interface
TCK_SM
1
O
Scan Master Test Clock in the Serial Scan Interface
TRST0_SM
1
O
Scan Master Test Reset output in the Serial Scan Interface
TRST1_SM
(Note 1)
1
O
Redundent ScanMaster TRST. This signal is not available for the packaged device.
TRIST_SM
1
O
The TRI-STATE notification pin exerts a high signal when TDO_SM is TRI-STATED
Note 1:
D(31:16) in the Parallel Processor Interface and TRST1_SM in the Serial Scan Interface are not bonded out for the packaged part. These are used in
the 32-bit Macro Mode only.
3
www.national.com


Similar Part No. - SCANSTA101_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SCANSTA101SM TI1-SCANSTA101SM Datasheet
1Mb / 39P
[Old version datasheet]   SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
SCANSTA101SM/NOPB TI1-SCANSTA101SM/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
SCANSTA101SMX TI1-SCANSTA101SMX Datasheet
1Mb / 39P
[Old version datasheet]   SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
SCANSTA101SMX/NOPB TI1-SCANSTA101SMX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
SCANSTA101 TI1-SCANSTA101_13 Datasheet
1Mb / 39P
[Old version datasheet]   SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
More results

Similar Description - SCANSTA101_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCANSTA101 NSC-SCANSTA101 Datasheet
403Kb / 31P
   Low Voltage IEEE 1149.1 STA Master
logo
Texas Instruments
SCANSTA101 TI1-SCANSTA101_13 Datasheet
1Mb / 39P
[Old version datasheet]   SCANSTA101 Low Voltage IEEE 1149.1 System Test Access (STA) Master
logo
Keysight Technologies
N8817A KEYSIGHT-N8817A Datasheet
8Mb / 8P
   JTAG (IEEE 1149.1) Protocol
logo
National Semiconductor ...
SCANSTA476 NSC-SCANSTA476 Datasheet
502Kb / 7P
   Eight Input IEEE 1149.1 Analog Voltage Monitor
SCANSTA476_0508 NSC-SCANSTA476_0508 Datasheet
501Kb / 7P
   Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
Texas Instruments
SCANSTA476 TI1-SCANSTA476 Datasheet
739Kb / 12P
[Old version datasheet]   SCANSTA476 Eight Input IEEE 1149.1 Analog Voltage Monitor
logo
National Semiconductor ...
SCAN16512 NSC-SCAN16512 Datasheet
160Kb / 10P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
logo
Texas Instruments
SCAN16512A TI1-SCAN16512A Datasheet
292Kb / 14P
[Old version datasheet]   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE Outputs
SN54LVT8980A TI-SN54LVT8980A Datasheet
575Kb / 35P
[Old version datasheet]   EMBEDDED TEST-BUS CONTROLLERS IEEE STD 1149.1 (JTAG) TAP MASTER WITH 8-BIT GENERIC HOST INTERFACES
logo
National Semiconductor ...
SCAN16602 NSC-SCAN16602 Datasheet
132Kb / 9P
   Low Voltage Universal 16-bit IEEE 1149.1 Bus Transceiver with TRI-STATE-R Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com