Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMLD-60100Z Datasheet(PDF) 7 Page - AIMTEC

Part # AMLD-60100Z
Description  Up to 1000mA | LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-60100Z Datasheet(HTML) 7 Page - AIMTEC

Back Button AMLD-60100Z Datasheet HTML 3Page - AIMTEC AMLD-60100Z Datasheet HTML 4Page - AIMTEC AMLD-60100Z Datasheet HTML 5Page - AIMTEC AMLD-60100Z Datasheet HTML 6Page - AIMTEC AMLD-60100Z Datasheet HTML 7Page - AIMTEC AMLD-60100Z Datasheet HTML 8Page - AIMTEC AMLD-60100Z Datasheet HTML 9Page - AIMTEC AMLD-60100Z Datasheet HTML 10Page - AIMTEC AMLD-60100Z Datasheet HTML 11Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Series AMLD-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
7 of 13
North America only
Driving the VADJ from a Microcontroller
The VADJ can be driven from an open drain output of a microcontroller as shown below. The diode and resistor serve to
suppress any possible high amplitude negative voltage spikes to the VADJ input resulting from the drain to source
capacitance of the FET. Any negative voltage spikes will cause errors in output current and/or unstable driver operation.
AMLD-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
MCU
GND
1
3.3K
Last LED
Output Current Adjustment by PWM Control (Dimming):
A PWM signal must have a frequency of greater than 100Hz to prevent any visible flicker.
Discharge
Vcc
Reset
Out
CRT_V
GND
NE 555
Trigger
Threshold
7
8
4
3
5
1
2
6
+
+
+
-
-
-
10uF
35V
10uF
16V
AMSR-7805-Z
+Vin
-Vin
1
1N4148
+
-
VR
100K
470
+
-
+
-
1
3.3K
1N4148
2SD11782K
PMW
AMLD-Z
Pin 4 (VADJ)
AMLD-Z
Pin 2,3
210
100nF
100nF
100nF
100nF
Output Current Adjustment by PWM Control (Flash):
Discharge
Vcc
Reset
Out
CRT_V
GND
NE 555
Trigger
Threshold
7
8
4
3
5
1
2
6
+
+
+
-
-
-
100nF
10uF
16V
AMSR-7805-Z
+Vin
-
Vin
+
-
+
-
+
-
1
3.3K
1N4148
2SD11782K
PMW
AMLD-Z
Pin 4 (VADJ)
AMLD-Z
Pin 2,3
VR
100K
2K
210
10uF
35V
100nF
100nF
10uF
16V


Similar Part No. - AMLD-60100Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-60100Z AIMTEC-AMLD-60100Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLD-60100Z AIMTEC-AMLD-60100Z Datasheet
481Kb / 13P
   LED Driver
More results

Similar Description - AMLD-60100Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_16 Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com