Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMLD-36180IZ Datasheet(PDF) 11 Page - AIMTEC

Part # AMLD-36180IZ
Description  Up to 2000mA | LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-36180IZ Datasheet(HTML) 11 Page - AIMTEC

Back Button AMLD-36180IZ Datasheet HTML 4Page - AIMTEC AMLD-36180IZ Datasheet HTML 5Page - AIMTEC AMLD-36180IZ Datasheet HTML 6Page - AIMTEC AMLD-36180IZ Datasheet HTML 7Page - AIMTEC AMLD-36180IZ Datasheet HTML 8Page - AIMTEC AMLD-36180IZ Datasheet HTML 9Page - AIMTEC AMLD-36180IZ Datasheet HTML 10Page - AIMTEC AMLD-36180IZ Datasheet HTML 11Page - AIMTEC AMLD-36180IZ Datasheet HTML 12Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Series AMLD-IZ
Up to 2000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.Q
11 of 12
North America only
Output Current versus Dimming Voltage (continued)


Similar Part No. - AMLD-36180IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-36180IZ AIMTEC-AMLD-36180IZ Datasheet
941Kb / 13P
   Up to 2000mA | LED Driver
More results

Similar Description - AMLD-36180IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ_13 Datasheet
580Kb / 12P
   Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_1 Datasheet
941Kb / 13P
   Up to 2000mA | LED Driver
AMER90-Z AIMTEC-AMER90-Z Datasheet
436Kb / 5P
   up to 2000mA | AC-DC LED driver
logo
ams AG
AS3648 AMSCO-AS3648 Datasheet
4Mb / 39P
   2000mA High Current LED Flash Driver
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z_16 Datasheet
481Kb / 13P
   Up to 1000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
281Kb / 8P
   Up to 1200mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDW-RZ AIMTEC-AMLDW-RZ Datasheet
299Kb / 3P
   Up to 1000mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com