Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSR-78-NZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMSR-78-NZ
Description  Up to7.5Watt | DC-DC Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR-78-NZ Datasheet(HTML) 1 Page - AIMTEC

  AMSR-78-NZ_16 Datasheet HTML 1Page - AIMTEC AMSR-78-NZ_16 Datasheet HTML 2Page - AIMTEC AMSR-78-NZ_16 Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AMSR-78-NZ
Up to7.5Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6.F
1 of 3
North America only
FEATURES:
Short Circuit Protection
Operating temperature -40°C to +85°C
Thermal Shutdown
Very high efficiency up to 96%
Non-Isolated
Pin compatible to multiple manufacturers
Low ripple and noise
Pin Compatible to LM78xx
Regulated Outputs
Models
Single output
Model
Input Voltage
(V)
Output Voltage
(V)
Output Current
max (mA)
Efficiency
Vin Min
(%)
Efficiency
Vin Max
(%)
AMSR-783.3-NZ
4.75-28
3.3
500
91
81
AMSR-7805-NZ
6.5-32
5
500
94
86
AMSR-786.5-NZ
8-32
6.5
500
94
87
AMSR-7809-NZ
11-32
9
500
95
91
AMSR-7812-NZ
15-32
12
500
95
92
AMSR-7815-NZ
18-32
15
500
96
93
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
See the table above
VDC
Filter
Capacitor
Quiescent current
Vin=(LL-HL) at 0% load
7
mA
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
100% load
±2
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Thermal shutdown
Internal IC junction
150
oC
Thermal Impedance
85
oC/W
Line voltage regulation
Vin=(LL-HL) at full load
±0.2
%
Load voltage regulation
10-100% load
±0.4
%
Temperature coefficient
-40°C to +85°C ambient
±0.02
%/oC
Dynamic Load Stability
Nominal Input, 25% load
step change
55 - 250
mV
Dynamic Load Recovery
0.5 - 1
mSec
Ripple & Noise
20MHz Bandwidth
20
mV p-p
Maximum capacitive load
1000
uF
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
330
KHz
Operating temperature
With derating above 71oC
-40 to +85
oC
Storage temperature
-55 to +125
oC
Max Case temperature
100
oC
Cooling
Free air convection
Humidity
Non condensing
95
%
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
2
g
Dimensions (L x W x H)
0.45 x 0.30 x 0.40 inches
11.60 x 7.50 x 10.20 mm
MTBF
>2 000 000 hrs (MIL-HDBK-217F, Ground Benign, t=+25oC)
Soldering Temperature
1.5 mm from case for 10 sec
300
oC
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Click on Series name for product info on aimtec.com


Similar Part No. - AMSR-78-NZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR-78-NZ AIMTEC-AMSR-78-NZ_1 Datasheet
208Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
More results

Similar Description - AMSR-78-NZ_16

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRO-78-NZ AIMTEC-AMSRO-78-NZ Datasheet
410Kb / 3P
   Up to7.5Watt | DC-DC Switching Regulator
AMSRO-783.3-NZ AIMTEC-AMSRO-783.3-NZ Datasheet
410Kb / 3P
   Up to7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_12 Datasheet
107Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRO1-78-NZ AIMTEC-AMSRO1-78-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
AMSRI1-783.3-NZ AIMTEC-AMSRI1-783.3-NZ Datasheet
492Kb / 5P
   Up to 15Watt | DC-DC Switching Regulator
AMSRO1-783.3-NZ AIMTEC-AMSRO1-783.3-NZ Datasheet
471Kb / 3P
   Up to 15Watt | DC-DC Switching Regulator
AMSR-78Z AIMTEC-AMSR-78Z_16 Datasheet
164Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_13 Datasheet
313Kb / 4P
   Up to 7.5Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com