Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMSRW-7812-NZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMSRW-7812-NZ
Description  Up to 12 Watt | DC-DC Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSRW-7812-NZ Datasheet(HTML) 2 Page - AIMTEC

  AMSRW-7812-NZ Datasheet HTML 1Page - AIMTEC AMSRW-7812-NZ Datasheet HTML 2Page - AIMTEC AMSRW-7812-NZ Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AMSRW-78-NZ
Up to 12 Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.B
2 of 3
North America only
General Specifications (continued)
Input Specifications
Conditions
Minimum
Maximum
Units
Case material
Non-conductive black plastic (UL94V-0 rated)
Weight
4
g
Dimensions (L x W x H)
0.45 X 0.35 X 0.69 inch
11.50 X 9.00 X 17.50 mm
MTBF
> 3 500 000hrs (MIL-HDBK-217F, Ground Benign, t=+25°C)
Soldering Temperature
1.5 mm from case for 10 sec
300
oC
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Pin Out Specifications
Pin
Single
1
+Vin
2
GND
3
+Vout
Dimensions
Footprint
Dimensions are typical values: mm (inch)
General Tolerance: ± 0.25 (± 0.01)
Pin Tolerance: ± 0.1 (± 0.004)
DIV: 2.54 (0.1)
2.54
(0.10)
Ø 1.0 +0.15/-0
(Ø 0.04 + 0.006/-0


Similar Part No. - AMSRW-7812-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSRW-7812-NZ AIMTEC-AMSRW-7812-NZ Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
More results

Similar Description - AMSRW-7812-NZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_13 Datasheet
280Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
AMSRL1-78-JZ AIMTEC-AMSRL1-78-JZ Datasheet
407Kb / 6P
   Up to 12 Watt | DC-DC Switching Regulator
AMSRW-78-NZ AIMTEC-AMSRW-78-NZ Datasheet
141Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
AMSR1-78-NZ AIMTEC-AMSR1-78-NZ_16 Datasheet
286Kb / 3P
   Up to 12 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_16 Datasheet
358Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRW-78Z AIMTEC-AMSRW-78Z_16 Datasheet
321Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSR1-78Z AIMTEC-AMSR1-78Z_12 Datasheet
109Kb / 3P
   Up to 5 Watt | DC-DC Switching Regulator
AMSR2-78-NZ AIMTEC-AMSR2-78-NZ_12 Datasheet
143Kb / 4P
   Up to 13 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_12 Datasheet
135Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
AMSRL-78-NZ AIMTEC-AMSRL-78-NZ_13 Datasheet
325Kb / 4P
   Up to 7.5 Watt | DC-DC Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com