Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEOC40-12SMAZ Datasheet(PDF) 3 Page - AIMTEC

Part # AMEOC40-12SMAZ
Description  40 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOC40-12SMAZ Datasheet(HTML) 3 Page - AIMTEC

  AMEOC40-12SMAZ Datasheet HTML 1Page - AIMTEC AMEOC40-12SMAZ Datasheet HTML 2Page - AIMTEC AMEOC40-12SMAZ Datasheet HTML 3Page - AIMTEC AMEOC40-12SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AMEOC40-MAZ
40 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.M
3 of 4
North America only
Pin Out Specifications
Pin
Single
Dual
1
AC Input (L)
AC Input (L)
2
AC Input (N)
AC Input (N)
3
+V Output
+V Output
4
-V Output
Common
5
N.C.
Common
6
N.C.
-V Output
N.C.: Not Connected
Dimensions
AC Input
Connector
DC Output
Connector
Top View
12
59.00
(2.32)
Bottom View
59.00
(2.32)
3.50
(0.14)
51.1
(2.01)
34 5 6


Similar Part No. - AMEOC40-12SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOC40-12SMAZ AIMTEC-AMEOC40-12SMAZ Datasheet
306Kb / 4P
   40 Watt | AC/DC Converter
AMEOC40-12SMAZ AIMTEC-AMEOC40-12SMAZ Datasheet
478Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEOC40-12SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME40-MAZ AIMTEC-AME40-MAZ_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ AIMTEC-AME40-MAZ_12 Datasheet
411Kb / 3P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_12 Datasheet
209Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_12 Datasheet
246Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ AIMTEC-AMEC40-MAZ_13 Datasheet
437Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEOC40-MAZ AIMTEC-AMEOC40-MAZ_13 Datasheet
380Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMEC40-MAZ-1 AIMTEC-AMEC40-MAZ-1_16 Datasheet
574Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_13 Datasheet
462Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AME40-MAZ-1 AIMTEC-AME40-MAZ-1_16 Datasheet
679Kb / 4P
   40 Watt | AC-DC / DC-DC Converter
AMES40-MAZ AIMTEC-AMES40-MAZ_16 Datasheet
493Kb / 5P
   40 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com