Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEOR30C-24140AZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEOR30C-24140AZ
Description  up to 2.5A | AC-DC / DC-DC LED driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOR30C-24140AZ Datasheet(HTML) 2 Page - AIMTEC

  AMEOR30C-24140AZ Datasheet HTML 1Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 2Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 3Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 4Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 5Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 6Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 7Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 8Page - AIMTEC AMEOR30C-24140AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Series AMEOR30C-AZ
up to 2.5A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.D
2 of 17
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
3000
VAC
Isolation Resistance
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
130
KHz
Over current protection
AMEOR30C-5070AZ
0.77
A
AMEOR30C-4864AZ
0.68
AMEOR30C-36100AZ
1.04
AMEOR30C-24140AZ
1.45
AMEOR30C-12250AZ
2.55
Over voltage protection
Refer to Constant Current vs. Constant Voltage Mode curve
Short circuit protection
Continuous
Short circuit restart
Auto recovery
Over temperature protection
>105°C
Operating temperature
With derating over 60°C
-40 to +80
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
±0.02
% / oC
Cooling
Free air convection
Humidity
95
% RH
Wires
UL1015 18AWG * 20CM
Weight
220
g
Dimensions (L X H X W)
5.83 x 1.97 x 1.3 inches
148 x 50 x 33 mm
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Environment Approval
Test
Parameters
Conditions
Shock
Wave form
Half sine wave
Acceleration amplitude
5gn
Bump duration
30 ms
Converter operation
Before and after test, body mounted (on chassis)
Number of bumps
18 (3 in each direction for every axis)
Vibration
Test mode
Sweep sine, 10-100Hz, speed 0.05Hz/s
Displacement
1 mm
Acceleration
3g, 3 loops 30min one cycle, 3h total, every axis tested
Converter operation
Before and after test, body mounted (on chassis)
Safety Specifications
Parameters
Agency approvals
cULus, CE
Standards
UL8750, UL60950-1, EN55022, class B
Information Technology Equipment
EN55022 Class B
Harmonic Current Emissions
IEC/EN 61000-3-2, Class C
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 2
Electrical Fast Transient / Burst Immunity
IEC 61000-4-4 Level 2
Surge Immunity
IEC 61000-4-5 Level 3
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 2
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 1
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11


Similar Part No. - AMEOR30C-24140AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30C-24140AZ AIMTEC-AMEOR30C-24140AZ Datasheet
897Kb / 14P
   DC-DC LED driver
AMEOR30C-24140AZ AIMTEC-AMEOR30C-24140AZ Datasheet
853Kb / 17P
   Over Temperature Protection
More results

Similar Description - AMEOR30C-24140AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR30-5070AZ AIMTEC-AMEOR30-5070AZ Datasheet
960Kb / 14P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEOR30-AZ AIMTEC-AMEOR30-AZ_16 Datasheet
762Kb / 15P
   up to 2.5A | AC-DC / DC-DC LED driver
AMEPR30-AZ AIMTEC-AMEPR30-AZ_13 Datasheet
884Kb / 14P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ_15 Datasheet
760Kb / 17P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-5070AZ AIMTEC-AMEPR30-5070AZ Datasheet
1Mb / 15P
   up to 2.5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR30-AZ AIMTEC-AMEPR30-AZ Datasheet
712Kb / 13P
   up to 2.5A | AC-DC LED driver
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
   up to 1A | AC-DC / DC-DC LED driver
AMEPR30D-AZ AIMTEC-AMEPR30D-AZ_13 Datasheet
516Kb / 5P
   up to 2A | AC-DC / DC-DC LED driver
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com