Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMEOS30-3.3SMAZ Datasheet(PDF) 4 Page - AIMTEC

Part # AMEOS30-3.3SMAZ
Description  30 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOS30-3.3SMAZ Datasheet(HTML) 4 Page - AIMTEC

  AMEOS30-3.3SMAZ Datasheet HTML 1Page - AIMTEC AMEOS30-3.3SMAZ Datasheet HTML 2Page - AIMTEC AMEOS30-3.3SMAZ Datasheet HTML 3Page - AIMTEC AMEOS30-3.3SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AMEOS30-MAZ
30 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.M
4 of 4
North America only
Derating
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
Free Air Convection
60ºC
Earth/Ground Connection EMC EN55022 class B compliant Application circuit
The Application circuit is EMC compliant for any type of Earth/Ground connection: Input Ground connection, Output Ground connection as
shown or both sides, which is not recommended if the product Isolation is used as a Safety feature.
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer
controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary
based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless otherwise specified. 5. Aimtec may not have conducted destructive testing or chemical analysis on all
internal components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for
release. 6. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications
which necessitate specific safety and regulatory standards other the ones listed in this datasheet. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at
www.aimtec.com.
L
N
90-264VAC
AMExw30‐MAZ
+Vout
-Vout
        
 
              
      CX1
        0.6uF
      CX2
        0.6uF
L1
35mH
ASE2501V‐G


Similar Part No. - AMEOS30-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOS30-3.3SMAZ AIMTEC-AMEOS30-3.3SMAZ Datasheet
388Kb / 5P
   30 Watt | AC/DC Converter
More results

Similar Description - AMEOS30-3.3SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMES30-MAZ-1 AIMTEC-AMES30-MAZ-1_16 Datasheet
516Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_16 Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ_12 Datasheet
391Kb / 3P
   30 Watt | AC-DC / DC-DC Converter
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ_12 Datasheet
153Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMES30-MAZ AIMTEC-AMES30-MAZ_13 Datasheet
458Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ_13 Datasheet
323Kb / 3P
   30 Watt | AC-DC / DC-DC Converter
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ_13 Datasheet
371Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ_16 Datasheet
224Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_12 Datasheet
198Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ_16 Datasheet
298Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ-1 AIMTEC-AMEC30-MAZ-1_16 Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com