Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS32XVH2245Q2G8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # QS32XVH2245Q2G8
Description  2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS32XVH2245Q2G8 Datasheet(HTML) 8 Page - Integrated Device Technology

  QS32XVH2245Q2G8 Datasheet HTML 1Page - Integrated Device Technology QS32XVH2245Q2G8 Datasheet HTML 2Page - Integrated Device Technology QS32XVH2245Q2G8 Datasheet HTML 3Page - Integrated Device Technology QS32XVH2245Q2G8 Datasheet HTML 4Page - Integrated Device Technology QS32XVH2245Q2G8 Datasheet HTML 5Page - Integrated Device Technology QS32XVH2245Q2G8 Datasheet HTML 6Page - Integrated Device Technology QS32XVH2245Q2G8 Datasheet HTML 7Page - Integrated Device Technology QS32XVH2245Q2G8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
INDUSTRIALTEMPERATURERANGE
IDTQS32XVH2245
2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
09/01/08
Pg. 4, 8
Revise ICCQ Typ. and Max. Remove non green package version and updated the ordering
informationbyremovingthe“IDT”notation.
06/14/11
Pg. 8
Updated ordering information to include tube or tray and tape & reel.
QS
XXXXX
XX
Package
Device Type
32XVH2245
2.5V / 3.3V 16-Bit High Bandwidth Bus Switch
Q2G
40-Pin QVSOP - Green
Blank
Industrial (-40°C to +85°C)
X
Process
X
Blank
8
Tube or Tray
Tape and Reel


Similar Part No. - QS32XVH2245Q2G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS32XVH2245 IDT-QS32XVH2245 Datasheet
76Kb / 8P
   QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS32XVH2245Q2G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
QS32XVH2245 IDT-QS32XVH2245 Datasheet
76Kb / 8P
   QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245 Datasheet
71Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH245Q2G8 IDT-IDTQS32XVH245Q2G8 Datasheet
266Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244 Datasheet
82Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
   2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com