Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRW5SM-HZJZ-1-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRW5SM-HZJZ-1-1
Description  Automotive Lighting Interior and Exterior
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRW5SM-HZJZ-1-1 Datasheet(HTML) 1 Page - OSRAM GmbH

  LRW5SM-HZJZ-1-1 Datasheet HTML 1Page - OSRAM GmbH LRW5SM-HZJZ-1-1 Datasheet HTML 2Page - OSRAM GmbH LRW5SM-HZJZ-1-1 Datasheet HTML 3Page - OSRAM GmbH LRW5SM-HZJZ-1-1 Datasheet HTML 4Page - OSRAM GmbH LRW5SM-HZJZ-1-1 Datasheet HTML 5Page - OSRAM GmbH LRW5SM-HZJZ-1-1 Datasheet HTML 6Page - OSRAM GmbH LRW5SM-HZJZ-1-1 Datasheet HTML 7Page - OSRAM GmbH LRW5SM-HZJZ-1-1 Datasheet HTML 8Page - OSRAM GmbH LRW5SM-HZJZ-1-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2014-09-05
1
2014-09-05
Golden DRAGON
Datasheet
Version 1.1
LR W5SM
Features:
Besondere Merkmale:
• Package: white SMD package, colorless clear
silicone resin
Gehäusetyp: weißes SMD Gehäuse, farbloser
klarer Silikon - Verguss
• Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
• Color: red (628 nm)
Farbe: rot (628 nm)
• Optical efficiency (typ.): 65 lm/W (red)
Optischer Wirkungsgrad (typ.): 65 lm/W (rot)
• ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
• Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Signaling
Signalanlagen
• Backlighting
Hinterleuchtung
• Automotive Lighting Interior and Exterior
Automobilbeleuchtung innen und außen
• LCD Backlighting
LCD Beleuchtung
• Architectural Lighting indoor and outdoor
Architekturbeleuchtung innen und außen
• Decorative Lighting
Dekorative Beleuchtung


Similar Part No. - LRW5SM-HZJZ-1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
   Architectural Lighting indoor and outdoor
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
1Mb / 22P
   Signalling
More results

Similar Description - LRW5SM-HZJZ-1-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
   Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
   Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
   Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
   Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
   Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
   Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
   Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
   Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
   Automotive Lighting Interior and Exterior
LWT6SG OSRAM-LWT6SG Datasheet
697Kb / 24P
   Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com