Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSGT67K-JL-1-HK-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LSGT67K-JL-1-HK-1
Description  indoor and outdoor displays
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSGT67K-JL-1-HK-1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LSGT67K-JL-1-HK-1 Datasheet HTML 5Page - OSRAM GmbH LSGT67K-JL-1-HK-1 Datasheet HTML 6Page - OSRAM GmbH LSGT67K-JL-1-HK-1 Datasheet HTML 7Page - OSRAM GmbH LSGT67K-JL-1-HK-1 Datasheet HTML 8Page - OSRAM GmbH LSGT67K-JL-1-HK-1 Datasheet HTML 9Page - OSRAM GmbH LSGT67K-JL-1-HK-1 Datasheet HTML 10Page - OSRAM GmbH LSGT67K-JL-1-HK-1 Datasheet HTML 11Page - OSRAM GmbH LSGT67K-JL-1-HK-1 Datasheet HTML 12Page - OSRAM GmbH LSGT67K-JL-1-HK-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LSG T67K
2016-10-04
9
Maximal zulässiger Durchlassstrom
I
F = f (T)
Max. Permissible Forward Current
1 Chip on/2 Chip on
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
S = 85 °C
OHL00429
0
0
20
40
60
80 ˚C 100
mA
F
I
T
temp. solder point
temp. ambient
T
T
S
A
T
T
A
S
5
10
15
20
OHL00827
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.12
OHL00828
10
-5
p
t
F
I
10
-4 10-3 10-2 10-1 100 101
0
A
2
10
s
D
t
P
T
=
T
P
t
IF
0.01
0.05
0.2
0.1
0.005
0.02
0.5
D =
1
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.12


Similar Part No. - LSGT67K-JL-1-HK-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSGT67K OSRAM-LSGT67K Datasheet
550Kb / 18P
   Multi TOPLED
More results

Similar Description - LSGT67K-JL-1-HK-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTRBGFSF-ABCB-QKYO OSRAM-LTRBGFSF-ABCB-QKYO Datasheet
1Mb / 28P
   indoor and outdoor displays
LYGT67K OSRAM-LYGT67K Datasheet
548Kb / 18P
   indoor and outdoor displays
LBM673 OSRAM-LBM673 Datasheet
590Kb / 21P
   Outdoor displays
LRW5SM OSRAM-LRW5SM Datasheet
611Kb / 21P
   Architectural Lighting indoor and outdoor
LYH9GP OSRAM-LYH9GP Datasheet
689Kb / 21P
   Architectural Lighting indoor and outdoor
LTH9GP OSRAM-LTH9GP Datasheet
630Kb / 21P
   Architectural Lighting indoor and outdoor
LSH9PP-HYJY-1-1 OSRAM-LSH9PP-HYJY-1-1 Datasheet
728Kb / 22P
   Architectural Lighting indoor and outdoor
KRDMLS31.23 OSRAM-KRDMLS31.23 Datasheet
732Kb / 22P
   Architectural Lighting indoor and outdoor
KRDMLN31.23 OSRAM-KRDMLN31.23 Datasheet
676Kb / 22P
   Architectural Lighting indoor and outdoor
KRDMLQ31.23 OSRAM-KRDMLQ31.23 Datasheet
710Kb / 21P
   Architectural Lighting indoor and outdoor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com