Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSYT676-P2R1-1-Q2S1-35 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LSYT676-P2R1-1-Q2S1-35
Description  optical indicators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSYT676-P2R1-1-Q2S1-35 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 4Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 5Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 6Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 7Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 8Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 9Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 10Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 11Page - OSRAM GmbH LSYT676-P2R1-1-Q2S1-35 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LSY T676
2012-04-20
8
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
IF = f (T)
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
A = 25 °C
super red
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle D = parameter, T
A = 85 °C
super red
OHL01075
0
0
20
40
60
80 ˚C 100
T
I
F
5
10
15
20
25
30
35
2 chips on
1 chip on
temp. ambient
TA
OHL00318
F
I
10
10
-5
-4
-3
10
10
-2 10-1 100
s
10
1
10
2
p
t
0.05
0.5
0.2
0.1
D
0.02
0.01
0.005
=
-2
10
-1
10
0
10
5
5
A
D
T
t
=
P
t
T
P
IF
OHL01072
0
0
20
40
60
80 ˚C 100
T
I
F
5
10
15
20
25
30
35
2 chips on
1 chip on
TS temp. solder point
OHL01427
F
I
10
10
-5
-4
-3
10
10
-2 10-1 100
s
10
1
10
2
p
t
0.05
0.5
0.2
0.1
D
0.02
0.01
0.005
=
D
T
t
=
P
t
T
P
IF
10
-1
10
-2
5
10
5
A
0


Similar Part No. - LSYT676-P2R1-1-Q2S1-35

ManufacturerPart #DatasheetDescription
logo
ams AG
LSYT676-P2R1-1-0+Q2S1-35 AMSCO-LSYT676-P2R1-1-0+Q2S1-35 Datasheet
1Mb / 24P
   Two chip LEDs for indicators that allow to display red, green and yellow by color mixing
Version 1.2 2022-05-10
More results

Similar Description - LSYT676-P2R1-1-Q2S1-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSYT67B OSRAM-LSYT67B Datasheet
429Kb / 15P
   optical indicators
LOGT77K OSRAM-LOGT77K Datasheet
519Kb / 16P
   optical indicators
LSYT676 OSRAM-LSYT676 Datasheet
398Kb / 17P
   optical indicators
LSGT77K-JL-1-HK-1 OSRAM-LSGT77K-JL-1-HK-1 Datasheet
365Kb / 16P
   optical indicators
logo
Copal Electronics
PZ-30 COPAL-PZ-30_16 Datasheet
139Kb / 7P
   PRESSURE INDICATORS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700-B00A1 AVAGO-HLMP-1700-B00A1 Datasheet
294Kb / 10P
   Telecommunications indicators
HLMP-1719-A00A2 AVAGO-HLMP-1719-A00A2 Datasheet
294Kb / 10P
   Telecommunications indicators
logo
Omron Electronics LLC
K3HB OMRON-K3HB Datasheet
1Mb / 32P
   Digital Indicators
logo
Copal Electronics
PZ-200 COPAL-PZ-200_16 Datasheet
91Kb / 4P
   PRESSURE INDICATORS
logo
QT Optoelectronics
MV53173 QT-MV53173 Datasheet
309Kb / 3P
   PANEL INDICATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com