Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFHD1104P-4BY2B-TR Datasheet(PDF) 8 Page - STANLEY ELECTRIC CO.,LTD.

Part # VFHD1104P-4BY2B-TR
Description  1608 Size, water clear lens, Emitting color : Yellow Green
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VFHD1104P-4BY2B-TR Datasheet(HTML) 8 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VFHD1104P-4BY2B-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VFHD1104P-4BY2B-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VFHD1104P-4BY2B-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VFHD1104P-4BY2B-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VFHD1104P-4BY2B-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VFHD1104P-4BY2B-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VFHD1104P-4BY2B-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VFHD1104P-4BY2B-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VFHD1104P-4BY2B-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
VFH□1104P-TR
Page : 8
Soldering condition
1.
Heat stress during soldering will influence the reliability of LEDs, however that effect will vary on
heating method. Also, if components of varying shape are soldered together, it is recommended to set
the soldering pad temperature according to the component most vulnerable to heat (e.g., surface
mount LED).
2.
LED parts including the resin are not stable immediately after soldering ( when they are not at room
temperature), any mechanical stress may cause damage to the product. Please avoid such stress after
soldering, especially stacking of the boards which may cause the boards to warp and any other types
of friction with hard materials.
3.
Recommended temperature profile for the Reflow soldering is listed as the temperature of the resin
surface. Temperature distribution varies on heating method, PCB material, other components in the
assembly, and mounting density.
Please do not repeat the heating process in Reflow process more than twice.
Notes 1 Temperature Profile for the reflow should be set to the surface temperature of resin which is on the
top of LED. This should be the maximum temperature for soldering. Lowering the heating temperature
and decreasing heating time is very effective in achieving higher reliability.
Notes 2 The reflow soldering process should be done up to twice(2 times Max). When second process is performed,
interval between first and second process should be as short as possible to prevent absorption of moisture
to resin of LED. The second soldering process should not be done until LEDs have returned to room
temperature (by nature-cooling) after first soldering process.
【Soldering Precaution】
(acc.to:EIAJ-4701/300)
【Recommended Reflow Soldering Condition】
40sec MAX.
150℃~180℃
+1.5~+5℃/s
260℃ MAX.
-1.5~-5℃/s
90~120sec MAX.
Pre-heating
(Soldering
230℃ MAX.
Peak Temperature
2014/8/5
Page : 8


Similar Part No. - VFHD1104P-4BY2B-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFHD1111C-3B72B-TR STANLEY-VFHD1111C-3B72B-TR Datasheet
709Kb / 21P
   Lead?밼ree soldering compatible
VFHD1111CS-3B83A-TR STANLEY-VFHD1111CS-3B83A-TR Datasheet
535Kb / 23P
   Lead-free soldering compatible
VFHD1116P-4C32B-TR STANLEY-VFHD1116P-4C32B-TR Datasheet
586Kb / 21P
   Narrower distribution angle, High brightness
More results

Similar Description - VFHD1104P-4BY2B-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFHY1104P-4C42D-TR STANLEY-VFHY1104P-4C42D-TR Datasheet
682Kb / 21P
   1608 Size, water clear lens, Emitting color : Yellow
VFHL1104P-4B63C-TR STANLEY-VFHL1104P-4B63C-TR Datasheet
680Kb / 21P
   1608 Size, water clear lens, Emitting color : Leaf Green
VFHA1104P-4C42C-TR STANLEY-VFHA1104P-4C42C-TR Datasheet
688Kb / 21P
   1608 Size, water clear lens, Emitting color : Orange
VFHR1104P-4C42A-TR STANLEY-VFHR1104P-4C42A-TR Datasheet
681Kb / 21P
   1608 Size, water clear lens, Emitting color : Red
VFHV1104P-4C62B-TR STANLEY-VFHV1104P-4C62B-TR Datasheet
691Kb / 21P
   1608 Size, water clear lens, Emitting color : Red
VCDG1104P-5C63C-TR STANLEY-VCDG1104P-5C63C-TR Datasheet
673Kb / 22P
   1608(t=1.15 mm) Type, lens color: water clear, Green color emitting LED
VCDB1104P-4B83B-TR STANLEY-VCDB1104P-4B83B-TR Datasheet
672Kb / 22P
   1608(t=1.15 mm) Type, lens color: water clear, Blue color emitting LED
logo
NTE Electronics
NTE3002 NTE-NTE3002 Datasheet
26Kb / 2P
   Light Emitting Diode Water Clear, Yellow
logo
STANLEY ELECTRIC CO.,LT...
VFJY1105W-4C92D-TR STANLEY-VFJY1105W-4C92D-TR Datasheet
736Kb / 21P
   3216 size Dome Lens Type, Yellow color emitting LED
SW1141CX-16-TR STANLEY-SW1141CX-16-TR Datasheet
594Kb / 22P
   1608 size, White color emitting LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com