Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCDB1104P-4B83B-TR Datasheet(PDF) 3 Page - STANLEY ELECTRIC CO.,LTD.

Part # VCDB1104P-4B83B-TR
Description  1608(t=1.15 mm) Type, lens color: water clear, Blue color emitting LED
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VCDB1104P-4B83B-TR Datasheet(HTML) 3 Page - STANLEY ELECTRIC CO.,LTD.

  VCDB1104P-4B83B-TR Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. VCDB1104P-4B83B-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. VCDB1104P-4B83B-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. VCDB1104P-4B83B-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. VCDB1104P-4B83B-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. VCDB1104P-4B83B-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. VCDB1104P-4B83B-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VCDB1104P-4B83B-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VCDB1104P-4B83B-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
VCDB1104P-4B83B-TR
Page : 3
MAX.
-
-
100
TYP.
600
400
-
InGaN
Blue
-40 ~ +100
Note1
Forward Current
V
Tsld
ΔIF
0.50
mA/℃
mA
Operating Temperature
Soldering Temperature
"Reflow Soldering"
Electrostatic Discharge Threshold "HBM"
EMITTING COLOR
SYMBOL
MAXIMUM RATINGS
UNITS
mW
mA
ΔIFRM
1.20
mA/℃
27
Repetitive Peak Forward Current
"1ms,1/20duty"
(Ta=25℃)
Water clear
【 Product Overview 】
Please refer to Page 8, Soldering Conditions.
SYMBOL
Tj
ITEM
Junction Temperature
IFRM
24
Topr
Reverse Voltage
VR
5
RESIN COLOR( EMITTING AREA)
Power Dissipation
Pd
IFRM Derate Linearly from "85℃"
DIE MATERIAL
(Ta=25℃)
Note3
Note2
【 Absolute Maximum Ratings 】
V
℃/W
℃/W
ITEM
IF
8
ESD
Storage Temperature
Tstg
【 Thermal Characteristics 】
260
ESD testing method : EIAJ4701/300(304) Human Body Model(HBM) 1.5kΩ ,100pF
1,000
-40 ~ +105
Note 1
Note 2
IF Derate Linearly from "85℃"
Thermal Resistance
【Junction - Solder point】
Rth(j-s)
UNITS
Note3.
Thermal Resistance
【Junction - Ambient】
Rth(j-a)
Rth(j-a)Measuring condition
・PCB:FR-4(t=1.6mm)
・Pattern Size:16mm2
Specifications
2013.8.29


Similar Part No. - VCDB1104P-4B83B-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VCDB1111C-5AY3B-TR STANLEY-VCDB1111C-5AY3B-TR Datasheet
676Kb / 22P
   Equivalent to JEDEC level 3 (IPC/JEDEC J-STD-020D)
VCDB1112H-5AY3B-TR STANLEY-VCDB1112H-5AY3B-TR Datasheet
643Kb / 22P
   Lead?밼ree soldering compatible
More results

Similar Description - VCDB1104P-4B83B-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VCDG1104P-5C63C-TR STANLEY-VCDG1104P-5C63C-TR Datasheet
673Kb / 22P
   1608(t=1.15 mm) Type, lens color: water clear, Green color emitting LED
VFHY1104P-4C42D-TR STANLEY-VFHY1104P-4C42D-TR Datasheet
682Kb / 21P
   1608 Size, water clear lens, Emitting color : Yellow
VFHA1104P-4C42C-TR STANLEY-VFHA1104P-4C42C-TR Datasheet
688Kb / 21P
   1608 Size, water clear lens, Emitting color : Orange
VFHR1104P-4C42A-TR STANLEY-VFHR1104P-4C42A-TR Datasheet
681Kb / 21P
   1608 Size, water clear lens, Emitting color : Red
VFHV1104P-4C62B-TR STANLEY-VFHV1104P-4C62B-TR Datasheet
691Kb / 21P
   1608 Size, water clear lens, Emitting color : Red
VFHL1104P-4B63C-TR STANLEY-VFHL1104P-4B63C-TR Datasheet
680Kb / 21P
   1608 Size, water clear lens, Emitting color : Leaf Green
VFHD1104P-4BY2B-TR STANLEY-VFHD1104P-4BY2B-TR Datasheet
681Kb / 21P
   1608 Size, water clear lens, Emitting color : Yellow Green
SW1141CX-16-TR STANLEY-SW1141CX-16-TR Datasheet
594Kb / 22P
   1608 size, White color emitting LED
logo
LUMEX INC.
SSL-LX5093SBC LUMEX-SSL-LX5093SBC Datasheet
70Kb / 1P
   QUASARBRITE T-5mm 430nm BLUE LED , WATER CLEAR LENS
logo
STANLEY ELECTRIC CO.,LT...
FHY1105P-TR STANLEY-FHY1105P-TR Datasheet
1Mb / 21P
   1005(t=0.25mm) Type, water clear lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com