Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM47EM3288MBA Datasheet(PDF) 9 Page - Eorex Corporation

Part # EM47EM3288MBA
Description  Eight Banks
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM3288MBA Datasheet(HTML) 9 Page - Eorex Corporation

Back Button EM47EM3288MBA Datasheet HTML 5Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 6Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 7Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 8Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 9Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 10Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 11Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 12Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 13Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
EM47EM3288MBA
Apr. 2014
9/39
www.eorex.com
Differential swing requirements for clock (CK - /CK) and strobe (DQS - /DQS)
- Allowed time before ringback (tDVAC) for CK - /CK and DQS - /DQS
Slew Rate [V/ns]
tDVAC [ps] @ |VIH/Ldiff(ac)| = 350mV
tDVAC [ps] @ |VIH/Ldiff(ac)| = 300mV
-
Min
Max
Min
Max
>4.0
75
-
175
-
4.0
57
-
170
-
3.0
50
-
167
-
2.0
38
-
163
-
1.8
34
-
162
-
1.6
29
-
161
-
1.4
22
-
159
-
1.2
13
-
155
-
1.0
0
-
150
-
<1.0
0
-
150
-
Single-ended requirements for differential signals
Each individual component of a differential signal (CK, DQS, /CK, /DQS) has also to comply with certain
requirements for single-ended signals.
CK and /CK have to approximately reach VSEHmin / VSELmax (approximately equal to the ac-levels
(VIH(AC) / VIL(AC) ) for Address/Command signals) in every half-cycle.
DQS, /DQS have to reach VSEHmin / VSELmax [approximately the ac-levels (VIH(AC) / VIL(AC) ) for DQ
signals] in every half-cycle preceding and following a valid transition.
Note that the applicable AC-levels for Address/Command
and DQ‟s might be different per speed-bin etc. E.g., if
VIHCA(AC150)/VILCA(AC150) is used for Address/Command signals, then these AC-levels apply also for the
single-ended components of differential CK and /CK.


Similar Part No. - EM47EM3288MBA

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47EM3288MBA EOREX-EM47EM3288MBA_15 Datasheet
1Mb / 39P
   Double DATA RATE 3 Stack SDRAM
More results

Similar Description - EM47EM3288MBA

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M16D3B-12BCN ALSC-AS4C256M16D3B-12BCN Datasheet
2Mb / 41P
   Eight internal banks for concurrent operation
AS4C256M16D3LB-12BCN ALSC-AS4C256M16D3LB-12BCN Datasheet
1Mb / 46P
   Eight internal banks for concurrent operation
AS4C128M16D3LB-12BCN ALSC-AS4C128M16D3LB-12BCN Datasheet
3Mb / 45P
   Eight internal banks for concurrent operation
logo
Bel Fuse Inc.
940-SP-3088R-W-B25 BEL-940-SP-3088R-W-B25 Datasheet
181Kb / 1P
   Eight Conductor, Eight Position Line Cord Module
940-SP-3088R-A190 BEL-940-SP-3088R-A190 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088-B25 BEL-940-SP-3088-B25 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088 BEL-940-SP-3088 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR, EIGHT POSITION LINE CORD MODULE
940-SP-3088-OB BEL-940-SP-3088-OB Datasheet
184Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088R-031 BEL-940-SP-3088R-031 Datasheet
154Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088R-A286 BEL-940-SP-3088R-A286 Datasheet
158Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com