Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM47EM3288MBA Datasheet(PDF) 11 Page - Eorex Corporation

Part # EM47EM3288MBA
Description  Eight Banks
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM3288MBA Datasheet(HTML) 11 Page - Eorex Corporation

Back Button EM47EM3288MBA Datasheet HTML 7Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 8Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 9Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 10Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 11Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 12Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 13Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 14Page - Eorex Corporation EM47EM3288MBA Datasheet HTML 15Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
EM47EM3288MBA
Apr. 2014
11/39
www.eorex.com
AC and DC Output Measurement Levels
Symbol
Parameter
Specification
Units
Note
VOH(DC)
DC output high measurement level (for IV curve linearity)
0.8*VDDQ
V
VOM(DC)
DC output middle measurement level (for IV curve linearity)
0.5*VDDQ
V
VOL(DC)
DC output low measurement level (for IV curve linearity)
0.2*VDDQ
V
VOH(AC)
AC output high measurement level (for output slew rate)
VTT+0.1*VDDQ
V
1
VOL(AC)
AC output low measurement level (for output slew rate)
VTT-0.1*VDDQ
V
1
VOHdiff(DC)
AC differential output high measurement level (for output
slew rate)
0.2*VDDQ
V
2
VOLdiff(DC)
AC differential output low measurement level (for output
slew rate)
-0.2*VDDQ
V
2
Notes1. The swing of ±0.1 × VDDQ is based on approximately 50% of the static single-ended output high or
low swi
ng with a driver impedance of 34Ω and an effective test load of 25Ω to VTT = VDDQ/2 at each of the
differential outputs.
Notes2. The swing of ±0.2 × VDDQ is based on approximately 50% of the static single-ended output high or
low swing with a driver impeda
nce of 34Ω and an effective test load of 25Ω to VTT = VDDQ/2 at each of the
differential outputs.
DQS Output Crossing Voltage - VOX (DDR3L-1600 or Higher Speed Bin)
Symbol
Parameters
DQS, /DQS differential slew rate
Unit
5V/ns
6V/ns
7V/ns
8V/ns
9V/ns
10V/ns
11V/ns
12V/ns
VOX (AC) max.
Deviation of DQS,
/DQS output
cross point
voltage from
0.5*VDDQ
+100
+120
+140
+160
+180
+200
+200
+200
mV
VOX (AC) min.
-100
-120
-140
-160
-180
-200
-200
-200
mV
DQS Output Crossing Voltage - VOX (DDR3L-1333 or Lower Speed Bin)
Symbol
Parameters
DQS, /DQS differential slew rate
Unit
5V/ns
6V/ns
7V/ns
8V/ns
9V/ns
10V/ns
11V/ns
12V/ns
VOX (AC) max.
Deviation of DQS,
/DQS output
cross point
voltage from
0.5*VDDQ
+125
+150
+175
+200
+225
+225
+225
+225
mV
VOX (AC) min.
-125
-150
-175
-200
-225
-225
-225
-225
mV
Notes1. Measured using an effective test load of 25Ω
to 0.5*V
DDQ at each of the differential outputs.
Notes2. For a differential slew rate in between the listed values, the VOX value may be obtained by linear
interpolation.
Notes3. The DQS, /DQS pins under test are not required to be able to drive each of the slew rates listed in the
table; the pins under test will provide one VOX value when tested with specified test condition. The DQS and
/DQS differential slew rate when measuring VOX determines which VOX limits to use.


Similar Part No. - EM47EM3288MBA

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47EM3288MBA EOREX-EM47EM3288MBA_15 Datasheet
1Mb / 39P
   Double DATA RATE 3 Stack SDRAM
More results

Similar Description - EM47EM3288MBA

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M16D3B-12BCN ALSC-AS4C256M16D3B-12BCN Datasheet
2Mb / 41P
   Eight internal banks for concurrent operation
AS4C256M16D3LB-12BCN ALSC-AS4C256M16D3LB-12BCN Datasheet
1Mb / 46P
   Eight internal banks for concurrent operation
AS4C128M16D3LB-12BCN ALSC-AS4C128M16D3LB-12BCN Datasheet
3Mb / 45P
   Eight internal banks for concurrent operation
logo
Bel Fuse Inc.
940-SP-3088R-W-B25 BEL-940-SP-3088R-W-B25 Datasheet
181Kb / 1P
   Eight Conductor, Eight Position Line Cord Module
940-SP-3088R-A190 BEL-940-SP-3088R-A190 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088-B25 BEL-940-SP-3088-B25 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088 BEL-940-SP-3088 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR, EIGHT POSITION LINE CORD MODULE
940-SP-3088-OB BEL-940-SP-3088-OB Datasheet
184Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088R-031 BEL-940-SP-3088R-031 Datasheet
154Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088R-A286 BEL-940-SP-3088R-A286 Datasheet
158Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com