Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM47EM1688MBB-125E Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM47EM1688MBB-125E
Description  CAS Write Latency
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM1688MBB-125E Datasheet(HTML) 5 Page - Eorex Corporation

  EM47EM1688MBB-125E Datasheet HTML 1Page - Eorex Corporation EM47EM1688MBB-125E Datasheet HTML 2Page - Eorex Corporation EM47EM1688MBB-125E Datasheet HTML 3Page - Eorex Corporation EM47EM1688MBB-125E Datasheet HTML 4Page - Eorex Corporation EM47EM1688MBB-125E Datasheet HTML 5Page - Eorex Corporation EM47EM1688MBB-125E Datasheet HTML 6Page - Eorex Corporation EM47EM1688MBB-125E Datasheet HTML 7Page - Eorex Corporation EM47EM1688MBB-125E Datasheet HTML 8Page - Eorex Corporation EM47EM1688MBB-125E Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Pin Description (Simplified)
EM47EM1688MBB
Oct. 2013
5/38
www.eorex.com
Pin
Name
Function
J7,K7
CK, /CK
(System Clock)
CK and CK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of
CK and negative edge of CK . Output (read) data is referenced to
the crossings of CK and /CK (both directions of crossing).
L2
/CS
(Chip Select)
All commands are masked when
/CS
is registered HIGH.
/CS provides for external Rank selection on systems with
multiple Ranks. /CS is considered part of the command code.
K9
CKE
(Clock Enable)
CKE high activates and CKE low deactivates internal clock
signals and device input buffers and output drivers. Taking CKE
low provides precharge power-down and self- refresh operation
(all banks idle), or active power-down (row active in any bank).
CKE is asynchronous for self refresh exit. After VREFCA has
become stable during the power on and initialization sequence, it
must be maintained during all operations (including self-refresh).
CKE must be maintained high throughout read and write
accesses. Input buffers, excluding CK, /CK , ODT and CKE are
disabled during power-down. Input buffers, excluding CKE, are
disabled during self -refresh.
N3,P7,P3,N2,
P8,P2,R8,R2,
T8,R3,L7,R7,
N7,T3,T7
A0~A9,A10/AP,
A11,A12( /BC ),
A13,A14
(Address)
Provided the row address (RA0
– RA14) for active commands
and the column address (CA0-CA9) and auto precharge bit for
read/write commands to select one location out of the memory
array in the respective bank. A10 is sampled during a precharge
command to determine whether the precharge applies to one
bank (A10 LOW) or all banks (A10 HIGH). The address inputs
also provide the op-code during Mode Register Set commands.
A12 is sampled during read and write commands to determine if
burst chop (on-the-fly) will be performed. (HIGH: no burst chop,
LOW: burst chopped). See command truth table for details.
M2,N8,M3
BA0, BA1,BA2
(Bank Address)
BA0
– BA2 define to which bank an active, read, write or
precharge command is being applied. Bank address also
determines if the mode register is to be accessed during a MRS
cycle.
K1
ODT
(On Die Termination)
ODT (registered HIGH) enables termination resistance internal to
the DDR3 SDRAM. When enabled, ODT is applied to each DQ,
DQS, DQS , DMU and DML signal. The ODT pin will be ignored if
the Mode Register MR1 is programmed to disable ODT.


Similar Part No. - EM47EM1688MBB-125E

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47EM1688MBB EOREX-EM47EM1688MBB_15 Datasheet
3Mb / 38P
   Double DATA RATE 3 SDRAM
More results

Similar Description - EM47EM1688MBB-125E

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47EM1688SBC EOREX-EM47EM1688SBC Datasheet
3Mb / 37P
   CAS Write Latency
EM47EM1688SBB EOREX-EM47EM1688SBB Datasheet
2Mb / 39P
   CAS Write Latency
EM484M3244VBE EOREX-EM484M3244VBE Datasheet
1Mb / 18P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16128B ISSI-IS43TR16128B Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM484M1644VTD EOREX-EM484M1644VTD Datasheet
1Mb / 18P
   Programmable CAS Latency
EM44CM0884LBA EOREX-EM44CM0884LBA Datasheet
778Kb / 28P
   Programmable CAS Latency
EM48BM1684LBC EOREX-EM48BM1684LBC Datasheet
1Mb / 20P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16512A ISSI-IS43TR16512A Datasheet
2Mb / 80P
   Programmable CAS Latency
IS43TR16128C ISSI-IS43TR16128C Datasheet
3Mb / 88P
   Programmable CAS Latency
IS43TR16640B ISSI-IS43TR16640B Datasheet
3Mb / 88P
   Programmable CAS Latency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com