Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM47EM1688SBB-125E Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM47EM1688SBB-125E
Description  CAS Write Latency
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM1688SBB-125E Datasheet(HTML) 2 Page - Eorex Corporation

  EM47EM1688SBB-125E Datasheet HTML 1Page - Eorex Corporation EM47EM1688SBB-125E Datasheet HTML 2Page - Eorex Corporation EM47EM1688SBB-125E Datasheet HTML 3Page - Eorex Corporation EM47EM1688SBB-125E Datasheet HTML 4Page - Eorex Corporation EM47EM1688SBB-125E Datasheet HTML 5Page - Eorex Corporation EM47EM1688SBB-125E Datasheet HTML 6Page - Eorex Corporation EM47EM1688SBB-125E Datasheet HTML 7Page - Eorex Corporation EM47EM1688SBB-125E Datasheet HTML 8Page - Eorex Corporation EM47EM1688SBB-125E Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
EM47EM1688SBB
4Gb (32M×8Bank×16) Double DATA RATE 3 SDRAM
Features
• JEDEC Standard VDD/VDDQ = 1.5V±0.075V.
• All inputs and outputs are compatible with SSTL_15
interface.
• Fully differential clock inputs (CK, /CK) operation.
• Eight Banks
• Posted CAS by programmable additive latency
• Bust length: 4 with Burst Chop (BC) and 8.
• CAS Write Latency (CWL): 5,6,7,8
• CAS Latency (CL): 6,7,8,9,10,11
• Write Latency (WL) =Read Latency (RL) -1.
• Bi-directional Differential Data Strobe (DQS).
• Data inputs on DQS centers when write.
• Data outputs on DQS, /DQS edges when read.
• On chip DLL align DQ, DQS and /DQS transition
with CK transition.
• DM mask write data-in at the both rising and falling
edges of the data strobe.
• Sequential & Interleaved Burst type available both
for 8 & 4 with BC.
• Multi Purpose Register (MPR) for pre-defined
pattern read out
• On Die Termination (ODT) options: Synchronous
ODT, Dynamic ODT, and Asynchronous ODT
• Auto Refresh and Self Refresh
• 8,192 Refresh Cycles / 64ms
• RoHS Compliance
• Driver Strength:RZQ/7, RZQ/6 (RZQ=240Ω)
• High Temperature Self-Refresh rate enable
• ZQ calibration for DQ drive and ODT
• RESET pin for initialization and reset function
Description
The EM47EM1688SBB is a high speed Double Date
Rate 3 (DDR3) Synchronous DRAM fabricated with
ultra high performance CMOS process containing 4G
bits which organized as 32Mbits x 8 banks by 16 bits.
This synchronous device achieves high speed
double-data-rate transfer rates of up to 1600
Mb/sec/pin (DDR3-1600) for general applications.
The chip is designed to comply with the following key
DDR3 SDRAM features: (1) posted CAS with
additive latency, (2) write latency = read latency -1,
(3) On Die Termination (4) programmable driver
strength data,(5) seamless BL4 access. All of the
control and address inputs are synchronized with a
pair of externally supplied differential clocks. Inputs
are latched at the cross point of differential clocks
(CK rising and /CK falling). All I/Os are synchronized
with a pair of bidirectional differential data strobes
(DQS and /DQS) in a source synchronous fashion.
The address bus is used to convey row, column and
bank address information in a /RAS and /CAS
multiplexing style. The 4Gb DDR3 devices operates
with a single power supply: 1.5V ± 0.075V VDD and
VDDQ. Available package: FBGA-96Ball (with 0.8mm
x 0.8mm ball pitch)
Oct. 2013
2/39
www.eorex.com


Similar Part No. - EM47EM1688SBB-125E

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47EM1688SBB EOREX-EM47EM1688SBB_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 SDRAM
More results

Similar Description - EM47EM1688SBB-125E

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47EM1688SBC EOREX-EM47EM1688SBC Datasheet
3Mb / 37P
   CAS Write Latency
EM47EM1688MBB EOREX-EM47EM1688MBB Datasheet
3Mb / 38P
   CAS Write Latency
EM484M3244VBE EOREX-EM484M3244VBE Datasheet
1Mb / 18P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16128B ISSI-IS43TR16128B Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM484M1644VTD EOREX-EM484M1644VTD Datasheet
1Mb / 18P
   Programmable CAS Latency
EM44CM0884LBA EOREX-EM44CM0884LBA Datasheet
778Kb / 28P
   Programmable CAS Latency
EM48BM1684LBC EOREX-EM48BM1684LBC Datasheet
1Mb / 20P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16512A ISSI-IS43TR16512A Datasheet
2Mb / 80P
   Programmable CAS Latency
IS43TR16128C ISSI-IS43TR16128C Datasheet
3Mb / 88P
   Programmable CAS Latency
IS43TR16640B ISSI-IS43TR16640B Datasheet
3Mb / 88P
   Programmable CAS Latency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com