Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM47EM3288MBA-125 Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM47EM3288MBA-125
Description  Eight Banks
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47EM3288MBA-125 Datasheet(HTML) 4 Page - Eorex Corporation

  EM47EM3288MBA-125 Datasheet HTML 1Page - Eorex Corporation EM47EM3288MBA-125 Datasheet HTML 2Page - Eorex Corporation EM47EM3288MBA-125 Datasheet HTML 3Page - Eorex Corporation EM47EM3288MBA-125 Datasheet HTML 4Page - Eorex Corporation EM47EM3288MBA-125 Datasheet HTML 5Page - Eorex Corporation EM47EM3288MBA-125 Datasheet HTML 6Page - Eorex Corporation EM47EM3288MBA-125 Datasheet HTML 7Page - Eorex Corporation EM47EM3288MBA-125 Datasheet HTML 8Page - Eorex Corporation EM47EM3288MBA-125 Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
EM47EM3288MBA
Apr. 2014
4/39
www.eorex.com
Ball Description (Simplified)
Pin
Name
Function
G9,G10
CK, CK
(System Clock)
CK and CK are differential clock inputs. All address and control
input signals are sampled on the crossing of the positive edge of
CK and negative edge of CK . Output (read) data is referenced to
the crossings of CK and CK (both directions of crossing).
H4
CS
(Chip Select)
All commands are masked when
CS
is registered HIGH.
CS provides for external Rank selection on systems with
multiple Ranks. CS is considered part of the command code.
G11
CKE
(Clock Enable)
CKE high activates and CKE low deactivates internal clock
signals and device input buffers and output drivers. Taking CKE
low provides precharge power-down and self- refresh operation
(all banks idle), or active power-down (row active in any bank).
CKE is asynchronous for self refresh exit. After VREFCA has
become stable during the power on and initialization sequence, it
must be maintained during all operations (including self-refresh).
CKE must be maintained high throughout read and write
accesses. Input buffers, excluding CK, CK , ODT and CKE are
disabled during power-down. Input buffers, excluding CKE, are
disabled during self -refresh.
K4,J9,K3,L4,
K9,L3,K10,L2,
L9,K2,H9,L10,
K11,L11,H10
A0~A9,A10/AP,
A11,A12(
BC ),
A13, A14
(Address)
Provided the row address (RA0
– RA14) for active commands
and the column address (CA0-CA9) and auto precharge bit for
read/write commands to select one location out of the memory
array in the respective bank. A10 is sampled during a precharge
command to determine whether the precharge applies to one
bank (A10 LOW) or all banks (A10 HIGH). The address inputs
also provide the op-code during Mode Register Set commands.
A12 is sampled during read and write commands to determine if
burst chop (on-the-fly) will be performed. (HIGH: no burst chop,
LOW: burst chopped). See command truth table for details.
K1,K12,H2
BA0, BA1,BA2
(Bank Address)
BA0
– BA2 define to which bank an active, read, write or
precharge command is being applied. Bank address also
determines if the mode register is to be accessed during a MRS
cycle.
H3
ODT
(On Die Termination)
ODT (registered HIGH) enables termination resistance internal to
the DDR3L SDRAM. When enabled, ODT is applied to each DQ,
DQS,
DQS , DMU and DML signal. The ODT pin will be ignored if
the Mode Register MR1 is programmed to disable ODT.


Similar Part No. - EM47EM3288MBA-125

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47EM3288MBA EOREX-EM47EM3288MBA_15 Datasheet
1Mb / 39P
   Double DATA RATE 3 Stack SDRAM
More results

Similar Description - EM47EM3288MBA-125

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M16D3B-12BCN ALSC-AS4C256M16D3B-12BCN Datasheet
2Mb / 41P
   Eight internal banks for concurrent operation
AS4C256M16D3LB-12BCN ALSC-AS4C256M16D3LB-12BCN Datasheet
1Mb / 46P
   Eight internal banks for concurrent operation
AS4C128M16D3LB-12BCN ALSC-AS4C128M16D3LB-12BCN Datasheet
3Mb / 45P
   Eight internal banks for concurrent operation
logo
Bel Fuse Inc.
940-SP-3088R-W-B25 BEL-940-SP-3088R-W-B25 Datasheet
181Kb / 1P
   Eight Conductor, Eight Position Line Cord Module
940-SP-3088R-A190 BEL-940-SP-3088R-A190 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088-B25 BEL-940-SP-3088-B25 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088 BEL-940-SP-3088 Datasheet
175Kb / 1P
   EIGHT CONDUCTOR, EIGHT POSITION LINE CORD MODULE
940-SP-3088-OB BEL-940-SP-3088-OB Datasheet
184Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088R-031 BEL-940-SP-3088R-031 Datasheet
154Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
940-SP-3088R-A286 BEL-940-SP-3088R-A286 Datasheet
158Kb / 1P
   EIGHT CONDUCTOR EIGHT POSITION LINE CORD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com