Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM484M3244VBE-75F Datasheet(PDF) 6 Page - Eorex Corporation

Part # EM484M3244VBE-75F
Description  Programmable CAS Latency
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM484M3244VBE-75F Datasheet(HTML) 6 Page - Eorex Corporation

Back Button EM484M3244VBE-75F Datasheet HTML 2Page - Eorex Corporation EM484M3244VBE-75F Datasheet HTML 3Page - Eorex Corporation EM484M3244VBE-75F Datasheet HTML 4Page - Eorex Corporation EM484M3244VBE-75F Datasheet HTML 5Page - Eorex Corporation EM484M3244VBE-75F Datasheet HTML 6Page - Eorex Corporation EM484M3244VBE-75F Datasheet HTML 7Page - Eorex Corporation EM484M3244VBE-75F Datasheet HTML 8Page - Eorex Corporation EM484M3244VBE-75F Datasheet HTML 9Page - Eorex Corporation EM484M3244VBE-75F Datasheet HTML 10Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
(VDD=3.3V
0.3V, TA=0°C ~70°C)
*All voltages referenced to VSS.
Recommended DC Operating Conditions (Continued)
eorex
Recommended DC Operating Conditions
EM484M3244VBE
Note 1: ICC1 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 2: ICC4 depends on output loading and cycle rates.
Specified values are obtained with the output open.
Input signals are changed only one time during tCK (min.)
Note 3: Input signals are changed only one time during tCK (min.)
Note 4: Standard power version.
Dec. 2013
www.eorex.com
6/18
Symbol
Parameter
Test Conditions
Max.
Units
ICC1
Operating Current
(Note 1)
Burst length=1,
tRC
tRC(min.), IOL=0mA,
One bank active
60
mA
ICC2P
Precharge Standby Current in
Power Down Mode
CKE
VIL(max.), tCK=15ns
200
uA
ICC2PS
CKE
VIL(max.), tCK= 
150
uA
ICC2N
Precharge Standby Current in
Non-power Down Mode
CKE
VIL(min.), tCK=15ns,
/CS
VIH(min.)
Input signals are changed
one time during 30ns
15
mA
ICC2NS
CKE
VIL(min.), tCK=  ,
Input signals are stable
8
mA
ICC3P
Active Standby Current in
Power Down Mode
CKE
VIL(max.), tCK=15ns
2
mA
ICC3PS
CKE
VIL(max.), tCK= 
1.6
mA
ICC3N
Active Standby Current in
Non-power Down Mode
CKE
VIL(min.), tCK=15ns,
/CS
VIH(min.)
Input signals are changed
one time during 30ns
20
mA
ICC3NS
CKE
VIL(min.), tCK=  ,
Input signals are stable
12
mA
ICC4
Operating Current (Burst
Mode)
(Note 2)
tCCD
2CLKs, IOL=0mA
80
mA
ICC5
Refresh Current
(Note 3)
tRC
tRC(min.)
100
mA
ICC6
Self Refresh Current
CKE
0.2V
250
(Note 4)
uA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IIL
Input Leakage Current
0
VIVDDQ, VDDQ=VDD
All other pins not under test=0V
-1
+1
uA
IOL
Output Leakage Current
0
VOVDDQ, DOUT is disabled
-1.5
+1.5
uA
VOH
High Level Output Voltage
IO=-2mA
2.4
V
VOL
Low Level Output Voltage
IO=+2mA
0.4
V


Similar Part No. - EM484M3244VBE-75F

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VBE EOREX-EM484M3244VBE_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results

Similar Description - EM484M3244VBE-75F

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS43TR16128B ISSI-IS43TR16128B Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM484M1644VTD EOREX-EM484M1644VTD Datasheet
1Mb / 18P
   Programmable CAS Latency
EM44CM0884LBA EOREX-EM44CM0884LBA Datasheet
778Kb / 28P
   Programmable CAS Latency
EM48BM1684LBC EOREX-EM48BM1684LBC Datasheet
1Mb / 20P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16512A ISSI-IS43TR16512A Datasheet
2Mb / 80P
   Programmable CAS Latency
IS43TR16128C ISSI-IS43TR16128C Datasheet
3Mb / 88P
   Programmable CAS Latency
IS43TR16640B ISSI-IS43TR16640B Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
EM47EM1688SBC EOREX-EM47EM1688SBC Datasheet
3Mb / 37P
   CAS Write Latency
EM47EM1688MBB EOREX-EM47EM1688MBB Datasheet
3Mb / 38P
   CAS Write Latency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com