Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM488M1644VTG Datasheet(PDF) 7 Page - Eorex Corporation

Part # EM488M1644VTG
Description  Fully Synchronous to positive clock edge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M1644VTG Datasheet(HTML) 7 Page - Eorex Corporation

Back Button EM488M1644VTG Datasheet HTML 3Page - Eorex Corporation EM488M1644VTG Datasheet HTML 4Page - Eorex Corporation EM488M1644VTG Datasheet HTML 5Page - Eorex Corporation EM488M1644VTG Datasheet HTML 6Page - Eorex Corporation EM488M1644VTG Datasheet HTML 7Page - Eorex Corporation EM488M1644VTG Datasheet HTML 8Page - Eorex Corporation EM488M1644VTG Datasheet HTML 9Page - Eorex Corporation EM488M1644VTG Datasheet HTML 10Page - Eorex Corporation EM488M1644VTG Datasheet HTML 11Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
(VDD, VDDQ =3.3V
0.3V, VSS=0V)
(VDD, VDDQ =3.3V
0.3V, VSS=0V)
* All voltages referenced to VSS.
eorex
AC Operating Test Conditions
EM488M1644VTG
AC Operating Test Characteristics
Note 5: tHZ defines the time at which the output achieve the open circuit condition and is not
referenced to output voltage levels.
Jan. 2014
www.eorex.com
7/18
Symbol
Parameter
-6
-7
Units
Min.
Max.
Min.
Max.
tCK
Clock Cycle Time
CL=3
6
-
7
-
ns
CL=2
7.5
-
10
-
tAC
Access Time form CLK
CL=3
-
5.4
-
5.4
ns
CL=2
-
5.4
-
6
tCH
CLK High Level Width
2.5
-
2.5
-
ns
tCL
CLK Low Level Width
2.5
-
2.5
-
ns
tCKH
Clock Input Hold Time
1
-
1
-
ns
tCKS
Clock Input Setup Time
1.5
-
1.5
-
ns
tOH
Data-out Hold Time
2.5
-
2.5
-
ns
tHZ
Data-out High Impedance Time
(Note
5)
3
6
3
7
ns
tLZ
Data-out Low Impedance Time
1
-
1
-
ns
tIH
Input Hold Time
1
-
1
-
ns
tIS
Input Setup Time
1.5
-
1.5
-
ns
TDS
Data-in Setup Time
1.5
-
1.5
-
ns
tDH
Data-in Hold Time
1
-
1
-
ns
Item
Conditions
Output Reference Level
1.4V/1.4V
Output Load
See diagram as below
Input Signal Level
2.4V/0.4V
Transition Time of Input Signals
1ns
Input Reference Level
1.4V


Similar Part No. - EM488M1644VTG

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results

Similar Description - EM488M1644VTG

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VTH EOREX-EM48AM1684VTH Datasheet
200Kb / 17P
   Fully Synchronous to Positive Clock Edge
EM488M3244VBD EOREX-EM488M3244VBD Datasheet
1Mb / 18P
   Fully Synchronous to Positive Clock Edge
logo
Xilinx, Inc
DS211 XILINX-DS211 Datasheet
218Kb / 7P
   Fully synchronous design using a single clock
logo
Alliance Semiconductor ...
2GB-DDR3L-AS4C128M16D3L ALSC-2GB-DDR3L-AS4C128M16D3L Datasheet
2Mb / 84P
   Fully synchronous operation
4GB-DDR3L-AS4C512M8D3L ALSC-4GB-DDR3L-AS4C512M8D3L Datasheet
3Mb / 86P
   Fully synchronous operation
AS4C256M16D3A-12BAN ALSC-AS4C256M16D3A-12BAN Datasheet
1Mb / 83P
   Fully synchronous operation
AS4C4M16SA-AUTOMOTIVE ALSC-AS4C4M16SA-AUTOMOTIVE Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C32M16D2A-25BIN ALSC-AS4C32M16D2A-25BIN Datasheet
2Mb / 61P
   Fully synchronous operation
AS4C64M8D2 ALSC-AS4C64M8D2 Datasheet
1Mb / 59P
   Fully synchronous operation
AS4C64M16D2-25BAN ALSC-AS4C64M16D2-25BAN Datasheet
2Mb / 59P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com