Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R191-202-100 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # R191-202-100
Description  Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

R191-202-100 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  R191-202-100 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - TOP VIEW
SECTION B-B
SECTION A-A
PCB
LID - INSIDE VIEW
BOX - INSIDE VIEW
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
B
B
A
A
R191-202-100
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Contact Factory mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
11.50 mm
[0.453 in]
92.50 mm
[3.642 in]
112.00 mm
[4.409 in]
323.05 mm
[12.718 in]
331.05 mm
[13.033 in]
91.0°
1.60 mm
[0.063 in]
192.00 mm
[7.559 in]
166.81 mm
[6.568 in]
143.82 mm
[5.662 in]
290.00 mm
[11.417 in]
312.02 mm
[12.284 in]
200.00 mm
[7.874 in]
1.70 mm
[0.067 in]
121.00 mm
[4.764 in]
274.00 mm
[10.787 in]
291.95 mm
[11.494 in]
306.00 mm
[12.047 in]
319.95 mm
[12.597 in]
123.95 mm
[4.880 in]
189.95 mm
[7.478 in]
172.00 mm
[6.772 in]
R1.46 mm
[0.057 in]
8X
R10.04 mm
[0.395 in]
4X
291.96 mm
[11.494 in]
319.95 mm
[12.597 in]
123.96 mm
[4.880 in]
189.95 mm
[7.478 in]
124.00 mm
[4.882 in]
188.13 mm
[7.407 in]
289.13 mm
[11.383 in]
320.05 mm
[12.600 in]
M5 THREAD (8X)
M5 THREAD (6X)
n4.13 mm
[0.163 in]
8X
1.7MM [0.067 in] RECESS
SUGGESTED MAX PCB DIM.
(NOT SUPPLIED)


Similar Part No. - R191-202-100

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
R191-200-100 HAMMOND-R191-200-100 Datasheet
921Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results

Similar Description - R191-202-100

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1456PL3 HAMMOND-1456PL3 Datasheet
221Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456WK4 HAMMOND-1456WK4 Datasheet
252Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G10 HAMMOND-195G10 Datasheet
186Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G30 HAMMOND-195G30 Datasheet
181Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195K16 HAMMOND-195K16 Datasheet
169Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195M30 HAMMOND-195M30 Datasheet
183Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195S4 HAMMOND-195S4 Datasheet
146Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
196B50 HAMMOND-196B50 Datasheet
152Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
290VX HAMMOND-290VX Datasheet
232Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
R191-152-000 HAMMOND-R191-152-000 Datasheet
869Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195C30 HAMMOND-195C30 Datasheet
181Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com