Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

860240673003 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 860240673003
Description  WCAP-AT1H Aluminum Electrolytic Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

860240673003 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  860240673003 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 860240673003 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 860240673003 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 860240673003 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 860240673003 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 860240673003 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 860240673003 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-AT1H Aluminum Electrolytic
Capacitors
Order.- No.
860240673003
SIZE
A4
Size: 6.3 x 11.0
H4: Classification Wave Soldering Profile:
H5: Classification Wave Profile
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Typical (Tstypical)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Δ preheat to max Temperature
Peak temperature (Tp)
Time of actual peak temperature (tp)
Ramp-down rate
- Min
- Typical
- Max
Time 25°C to 25°C
Pb-Free Assembly
100°C
120°C
130°C
70 seconds
150°C max.
250°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
Sn-Pb Assembly
100°C
120°C
130°C
70 seconds
150°C max.
235°C - 260°C
max. 10 seconds
max. 5 second each wave
~ 2 K/s
~ 3.5 K/s
~ 5 K/s
4 minutes
refer to EN 61760-1:2006
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 860240673003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
860240672001 WURTH-860240672001 Datasheet
485Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240672002 WURTH-860240672002 Datasheet
485Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240674004 WURTH-860240674004 Datasheet
485Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240674005 WURTH-860240674005 Datasheet
486Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240675006 WURTH-860240675006 Datasheet
486Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
More results

Similar Description - 860240673003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
860240272002 WURTH-860240272002 Datasheet
485Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240273005 WURTH-860240273005 Datasheet
486Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240374005 WURTH-860240374005 Datasheet
486Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240375008 WURTH-860240375008 Datasheet
486Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240674004 WURTH-860240674004 Datasheet
485Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860241181006 WURTH-860241181006 Datasheet
485Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240674005 WURTH-860240674005 Datasheet
486Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
860240578009 WURTH-860240578009 Datasheet
486Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
1.0 2014-11-11
860241180004 WURTH-860241180004 Datasheet
485Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
1.0 2014-11-11
860240575008 WURTH-860240575008 Datasheet
486Kb / 7P
   WCAP-AT1H Aluminum Electrolytic Capacitors
1.0 2014-11-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com