Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V01L15JGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V01L15JGI
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V01L15JGI Datasheet(HTML) 2 Page - Integrated Device Technology

  72V01L15JGI Datasheet HTML 1Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 2Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 3Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 4Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 5Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 6Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 7Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 8Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V01/72V02/72V03/72V04/72V05/72V06 3.3V ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9, 8,192 x 9 and 16,384 x 9
PIN CONFIGURATION
IDT72V01
IDT72V02
IDT72V03
IDT72V05
IDT72V04
IDT72V06
Commercial & Industrial(1)
Commercial & Industrial(1)
tA = 15, 25, 35 ns
tA = 15, 25, 35 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
ILI(2)
InputLeakageCurrent(AnyInput)
–1
1
–1
1
μA
ILO(3)
OutputLeakageCurrent
–10
10
–10
10
μA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage IOL = 8mA
0.4
0.4
V
ICC1(4,5)
Active Power Supply Current
60
75
mA
ICC2(4,6)
Standby Current (R=W=RS=FL/RT=VIH)—
5
5
mA
NOTES:
1. Industrial temperature range product for the 25ns speed grade is available as a standard device. All other speed grades are available by special order.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
5. Tested at f = 20 MHz.
6. All Inputs = VCC - 0.2V or GND + 0.2V.
PLCC (J32-1, order code: J)
TOP VIEW
Symbol
Rating
Min. Typ.
Max.
Unit
VCC
SupplyVoltage
3.0
3.3
3.6
V
GND
SupplyVoltage
0
0
0
V
VIH(1)
InputHighVoltage
2.0
VCC+0.5
V
VIL(2)
InputLowVoltage
0.8
V
TA
OperatingTemperatureCommercial
0
70
°C
TA
OperatingTemperatureIndustrial
–40
85
°C
Symbol
Rating
Com'l & Ind'l
Unit
VTERM
TerminalVoltage
–0.5 to +7.0
V
with Respect to GND
TSTG
StorageTemperature
–55 to +125
°C
IOUT
DCOutputCurrent
–50to+50
mA
NOTES:
1. For RT/RS/XI input, VIH = 2.6V (commercial).
For RT/RS/XI input, VIH = 2.8V (military).
2. 1.5V undershoots are allowed for 10ns once per cycle.
D2
5
D1
6
D0
7
XI
8
FF
9
Q0
10
Q1
11
NC
12
Q2
13
D6
D7
NC
FL/RT
RS
EF
XO/HF
Q7
Q6
29
28
27
26
25
24
23
22
21
4
3
2
1
32 31 30
14 15 16 17 18 19 20
INDEX
3033 drw 02b
Symbol
Parameter(1)
Condition
Max.
Unit
CIN
InputCapacitance
VIN = 0V
8
pF
COUT
OutputCapacitance
VOUT = 0V
8
pF
RECOMMENDED DC OPERATING
CONDITIONS
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.3V, TA = 0
°C to +70°C; Industrial: VCC = 3.3V ± 0.3V, TA = –40°C to +85°C)
NOTE:
1. Characterized values, not currently tested.
CAPACITANCE (TA = +25°C, f = 1.0 MHz)


Similar Part No. - 72V01L15JGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V01L15JGI RENESAS-72V01L15JGI Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
72V01L15JGI8 RENESAS-72V01L15JGI8 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 72V01L15JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com