Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V01L15JGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V01L15JGI
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V01L15JGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V01L15JGI Datasheet HTML 3Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 4Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 5Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 6Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 7Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 8Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 9Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 10Page - Integrated Device Technology 72V01L15JGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V01/72V02/72V03/72V04/72V05/72V06 3.3V ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9, 8,192 x 9 and 16,384 x 9
R
W
HF
tRHF
3033 drw 11
HALF-FULL OR LESS
MORE THAN HALF-FULL
HALF-FULL OR LESS
tWHF
Figure 9. Half-Full Flag Timing
R
W
XO
3033 drw 12
WRITE TO
LAST PHYSICAL
LOCATION
t XOL
t XOH
READ FROM
LAST PHYSICAL
LOCATION
t XOL
t XOH
Figure 10. Expansion Out
W
R
XI
WRITE TO
FIRST PHYSICAL
LOCATION
tXIS
READ FROM
FIRST PHYSICAL
LOCATION
tXIS
t XI
tXIR
3033 drw 13
Figure 11. Expansion In


Similar Part No. - 72V01L15JGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V01L15JGI RENESAS-72V01L15JGI Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
72V01L15JGI8 RENESAS-72V01L15JGI8 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 72V01L15JGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com