Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V51253L6BBI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 72V51253L6BBI
Description  3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V51253L6BBI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 72V51253L6BBI Datasheet HTML 2Page - Integrated Device Technology 72V51253L6BBI Datasheet HTML 3Page - Integrated Device Technology 72V51253L6BBI Datasheet HTML 4Page - Integrated Device Technology 72V51253L6BBI Datasheet HTML 5Page - Integrated Device Technology 72V51253L6BBI Datasheet HTML 6Page - Integrated Device Technology 72V51253L6BBI Datasheet HTML 7Page - Integrated Device Technology 72V51253L6BBI Datasheet HTML 8Page - Integrated Device Technology 72V51253L6BBI Datasheet HTML 9Page - Integrated Device Technology 72V51253L6BBI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72V51233/72V51243/72V51253 3.3V, MULTI-QUEUE FLOW-CONTROL DEVICES
(4 QUEUES) 18 BIT WIDE CONFIGURATION 589,824, 1,179,648 and 2,359,296 bits
D[17:0]
Data Input Bus
LVTTL
These are the 18 data input pins. Data is written into the device via these input pins on the rising edge
Din (See Pin
INPUT
of WCLK provided that
WENisLOW.Duetobusmatchingnotallinputsmaybeused,anyunusedinputs
table for details)
should be tied LOW.
DF(1)
Default Flag
LVTTL
If the user requires default programming of the multi-queue device, this pin must be setup before Master
(L3)
INPUT
Reset and must not toggle during any device operation. The state of this input at master reset determines
the value of the
PAE/PAF flag offsets. If DF is LOW the value is 8, if DF is HIGH the value is 128.
DFM(1)
Default Mode
LVTTL
The multi-queue device requires programming after master reset. The user can do this serially via the
(L2)
INPUT
serial port, or the user can use the default method. If DFM is LOW at master reset then serial mode will be
selected, if HIGH then default mode is selected.
ESTR
PAEn Flag Bus
LVTTL
If direct operation of the
PAEn bus has been selected, the ESTR input is used in conjunction with RCLK
(R15)
Strobe
INPUT
and the RDADD bus to select a device for its queues to be placed on to the
PAEn bus outputs. A device
addressed via the RDADD bus is selected on the rising edge of RCLK provided that ESTR is HIGH. If
Polled operations has been selected, ESTR should be tied inactive, LOW. Note, that a
PAEn flag bus
selectioncannotbemade,(ESTRmustNOTgoactive)untilprogrammingoftheparthasbeencompleted
and
SENO has gone LOW.
ESYNC
PAEn Bus Sync
LVTTL
ESYNC is an output from the multi-queue device that provides a synchronizing pulse for the
PAEn bus
(R16)
OUTPUT
during Polled operation of the
PAEn bus. During Polled operation each devices queue status flags are
loadedontothe
PAEnbusoutputssequentiallybasedonRCLK.ThefirstRCLKrisingedgeloadsdevice1
onto
PAEn,thesecondRCLKrisingedgeloadsdevice2andsoon.DuringtheRCLKcyclethataselected
device is placed on to the
PAEn bus, the ESYNC output will be HIGH.
EXI
PAEnBus
LVTTL
The EXI input is used when multi-queue devices are connected in expansion mode and Polled
PAEn/
(T16)
Expansion In
INPUT
bus operation has been selected . EXI of device ‘N’ connects directly to EXO of device ‘N-1’. The EXI
receives a token from the previous device in a chain. In single device mode the EXI input must be tied
LOW if the
PAEnbusisoperatedindirectmode.IfthePAEnbusisoperatedinpolledmodetheEXIinput
must be connected to the EXO output of the same device. In expansion mode the EXI of the first device
should be tied LOW, when direct mode is selected.
EXO
PAEnBus
LVTTL
EXO is an output that is used when multi-queue devices are connected in expansion mode and Polled
(T15)
Expansion Out
OUTPUT
PAEnbusoperationhasbeenselected.EXOofdevice‘N’connectsdirectlytoEXIofdevice‘N+1’.This
pinpulsesHIGHwhendeviceNplacesits
PAEstatusontothePAEnbuswithrespecttoRCLK.Thispulse
(token) is then passed on to the next device in the chain ‘N+1’ and on the next RCLK rising edge the first
quadrant of device N+1 will be loaded on to the
PAEn bus. This continues through the chain and EXO
of the last device is then looped back to EXI of the first device. The ESYNC output of each device in the
chain provides synchronization to the user of this looping event.
FF
Full Flag
LVTTL
This pin provides the full flag output for the active queue, that is, the queue selected on the input port
(P8)
OUTPUT
for write operations, (selected via WCLK, WRADD bus and WADEN). On the WCLK cycle after a queue
selection, this flag will show the status of the newly selected queue. Data can be written to this queue on
the next cycle provided
FF is HIGH. This flag has High-Impedance capability, this is important during
expansionofdevices,whenthe
FFflagoutputofupto8devicesmaybeconnectedtogetheronacommon
line. The device with a queue selected takes control of the
FF bus,allotherdevicesplacetheirFFoutput
into High-Impedance. When a queue selection is made on the write port this output will switch from
High-Impedance control on the next WCLK cycle. This flag is synchronized to WCLK.
FM(1)
Flag Mode
LVTTL
This pin is setup before a master reset and must not toggle during any device operation. The state of the
(K16)
INPUT
FMpinduringMasterResetwilldeterminewhetherthe
PAFnandPAEnflagbussesoperateineitherPolled
or Direct mode. If this pin is HIGH the mode is Polled, if LOW then it will be Direct.
FSTR
PAFn Flag Bus
LVTTL
If direct operation of the
PAFnbushasbeenselected,theFSTRinputisusedinconjunctionwithWCLK
(R4)
Strobe
INPUT
and the WRADD bus to select a device for its queues to be placed on to the
PAFn bus outputs. A device
addressed via the WRADD bus is selected on the rising edge of WCLK provided that FSTR is HIGH. If
Polled operations has been selected, FSTR should be tied inactive, LOW. Note, that a
PAFn flag bus
selectioncannotbemade,(FSTRmustNOTgoactive)untilprogrammingoftheparthasbeencompleted
and
SENO has gone LOW.
PIN DESCRIPTIONS
Symbol &
Name
I/O TYPE
Description
Pin No.


Similar Part No. - 72V51253L6BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V51253L6BBI RENESAS-72V51253L6BBI Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
More results

Similar Description - 72V51253L6BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com