Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS3L384QG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # QS3L384QG
Description  QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3L384QG Datasheet(HTML) 3 Page - Integrated Device Technology

  QS3L384QG Datasheet HTML 1Page - Integrated Device Technology QS3L384QG Datasheet HTML 2Page - Integrated Device Technology QS3L384QG Datasheet HTML 3Page - Integrated Device Technology QS3L384QG Datasheet HTML 4Page - Integrated Device Technology QS3L384QG Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
IDTQS3L384
HIGH-SPEEDLOWPOWER10-BITBUSEXCHANGESWITCH
INDUSTRIALTEMPERATURERANGE
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
RON
(ohms)
VIN
(Volts)
Symbol
Parameter
Test Conditions
Min.
Typ.(1) Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH for Control Pins
2
V
VIL
InputLOWVoltage
GuaranteedLogicLOWforControlPins
0.8
V
IIN
InputLeakageCurrent(ControlInputs)
0V
≤ VIN ≤ VCC
——
±1
μA
IOZ
Off-StateCurrent(Hi-Z)
0V
≤ VOUT ≤ VCC
±0.01
±1
μA
RON
Switch ON Resistance
VCC = Min., VIN = 0V, ION = 30mA
5
7
Ω
VCC = Min., VIN = 2.4V, ION = 15mA
10
15
VP
PassVoltage(2)
VIN = VCC = 5V, IOUT = -5
μA
3.7
4
4.2
V
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5V ± 5%
NOTES:
1. Typical values are at VCC = 5V and TA = 25°C.
2. Pass voltage is guaranteed but not production tested.
16
14
12
10
8
6
4
2
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5


Similar Part No. - QS3L384QG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS3L384Q IDT-QS3L384Q Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
More results

Similar Description - QS3L384QG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245_12 Datasheet
225Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS
IDTQS32390 IDT-IDTQS32390 Datasheet
45Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS3390 IDT-IDTQS3390_14 Datasheet
82Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS3390 IDT-IDTQS3390 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
QS32390QG IDT-QS32390QG Datasheet
221Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16 8 MULTIPLEXER
IDTQS32390 IDT-IDTQS32390_11 Datasheet
221Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
logo
Renesas Technology Corp
QS32390 RENESAS-QS32390 Datasheet
256Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
JUNE 2019
logo
Integrated Device Techn...
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com