Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72125L25SOG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 72125L25SOG
Description  CMOS PARALLEL-TO-SERIAL FIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72125L25SOG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 72125L25SOG Datasheet HTML 2Page - Integrated Device Technology 72125L25SOG Datasheet HTML 3Page - Integrated Device Technology 72125L25SOG Datasheet HTML 4Page - Integrated Device Technology 72125L25SOG Datasheet HTML 5Page - Integrated Device Technology 72125L25SOG Datasheet HTML 6Page - Integrated Device Technology 72125L25SOG Datasheet HTML 7Page - Integrated Device Technology 72125L25SOG Datasheet HTML 8Page - Integrated Device Technology 72125L25SOG Datasheet HTML 9Page - Integrated Device Technology 72125L25SOG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
COMMERCIAL TEMPERATURE RANGE
IDT72125PARALLEL-TO-SERIALCMOSFIFO
1,024 x 16
Figure 2. Write Operation
Figure 3. Read Operation
Figure 4. Full Flag from Last Write to First Read
Figure 5. Empty Flag from Last Read to First Write
NOTE:
1. SOCP should not be clocked until EF goes HIGH.
2665 drw05
D0-15
W
tWPW
tWC
tWR
tDH
tDS
SOCP
1/t SOCP
SO
SO
0
1
tSOCW
tSOCW
tSOHZ
tSOLZ
tSOPD
(First Device in Width Expansion Mode)
(Single Device Mode or Second
Device in Width Expansion Mode)
n-1
2665 drw06
SOCP
W
FF
LAST WRITE
IGNORED
WRITE
FIRST READ
ADDITIONAL READS
FIRST WRITE
0
1
n-1
0
1
n-1
tSOCFF
tWFF
2665 drw07
2665 drw08
SOCP
W
EF
LAST READ
NO READ
FIRST WRITE
ADDITIONAL
WRITES
FIRST READ
0
tSOCFF
tSOCEF
1
n-1
0
1
n-1
NOTE 1
SO
VALID
VALID
tSOPD
VALID
NOTE:
1. In Single Device Mode, SO will not tri-state except after reset.


Similar Part No. - 72125L25SOG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72125L25SOG RENESAS-72125L25SOG Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
72125L25SOG8 RENESAS-72125L25SOG8 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
More results

Similar Description - 72125L25SOG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
   CMOS PARALLEL FIFO
JUNE 2012
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
logo
Mitsubishi Electric Sem...
M66300P MITSUBISHI-M66300P Datasheet
393Kb / 10P
   PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
logo
Renesas Technology Corp
R8A66174SP RENESAS-R8A66174SP Datasheet
468Kb / 12P
   PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com