Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72V01L25JG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 72V01L25JG
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V01L25JG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 72V01L25JG Datasheet HTML 4Page - Integrated Device Technology 72V01L25JG Datasheet HTML 5Page - Integrated Device Technology 72V01L25JG Datasheet HTML 6Page - Integrated Device Technology 72V01L25JG Datasheet HTML 7Page - Integrated Device Technology 72V01L25JG Datasheet HTML 8Page - Integrated Device Technology 72V01L25JG Datasheet HTML 9Page - Integrated Device Technology 72V01L25JG Datasheet HTML 10Page - Integrated Device Technology 72V01L25JG Datasheet HTML 11Page - Integrated Device Technology 72V01L25JG Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V01/72V02/72V03/72V04/72V05/72V06 3.3V ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9, 8,192 x 9 and 16,384 x 9
Figure 15. Compound FIFO Expansion
R, W, RS
Q9-Q17
3033 drw 17
IDT
72V01/72V02/72V03/
72V04/72V05/72V06
DEPTH
EXPANSION
BLOCK
Q0-Q8
D9-D17
D0-D8
D0-DN
Q(N-8)-QN
D(N-8)-DN
IDT
72V01/72V02/72V03/
72V04/72V05/72V06
DEPTH
EXPANSION
BLOCK
IDT
72V01/72V02/72V03/
72V04/72V05/72V06
DEPTH
EXPANSION
BLOCK
TABLE 2 — RESET AND FIRST LOAD TRUTH TABLE
Depth Expansion/Compound Expansion Mode
Inputs
Internal Status
Outputs
Mode
RS
FL
XI
Read Pointer
Write Pointer
EF
FF
Reset First Device
0
0
(1)
LocationZero
LocationZero
0
1
Reset All Other Devices
0
1
(1)
LocationZero
LocationZero
0
1
Read/Write
1
X
(1)
X
X
X
X
NOTE:
1. XI is connected to XO of previous device. See Figure 14. RS = Reset Input, FL/RT = First Load/Retransmit, EF = Empty Flag Output, FF = Full Flag Output,
XI = Expansion Input, HF = Half-Full Flag Output
Figure 14. Block Diagram of 1,536 x 9, 3,072 x 9, 6,144 x 9, 12,288 x 9, 24,576 x 9 and 49,152 x 9 FIFO Memory (Depth Expansion)
D
W
IDT
72V01
72V02
72V03
72V04
72V05
72V06
FF
EF
FL
XO
RS
FULL
EMPTY
VCC
R
9
9
9
9
XI
9
Q
FF
EF
FL
XO
XI
FF
EF
FL
XO
XI
IDT
72V01
72V02
72V03
72V04
72V05
72V06
IDT
72V01
72V02
72V03
72V04
72V05
72V06
NOTES:
1. For depth expansion block see section on Depth Expansion and Figure 14.
2. For Flag detection see section on Width Expansion and Figure 13.


Similar Part No. - 72V01L25JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V01L25JG RENESAS-72V01L25JG Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
72V01L25JG8 RENESAS-72V01L25JG8 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
72V01L25JGI RENESAS-72V01L25JGI Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
72V01L25JGI8 RENESAS-72V01L25JGI8 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 72V01L25JG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com