Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS3VH257S1G8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # QS3VH257S1G8
Description  HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3VH257S1G8 Datasheet(HTML) 4 Page - Integrated Device Technology

  QS3VH257S1G8 Datasheet HTML 1Page - Integrated Device Technology QS3VH257S1G8 Datasheet HTML 2Page - Integrated Device Technology QS3VH257S1G8 Datasheet HTML 3Page - Integrated Device Technology QS3VH257S1G8 Datasheet HTML 4Page - Integrated Device Technology QS3VH257S1G8 Datasheet HTML 5Page - Integrated Device Technology QS3VH257S1G8 Datasheet HTML 6Page - Integrated Device Technology QS3VH257S1G8 Datasheet HTML 7Page - Integrated Device Technology QS3VH257S1G8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH257
2.5V / 3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
TYPICAL ICCD vs ENABLE FREQUENCY CURVE AT VCC = 3.3V
ENABLE FREQUENCY (MHz)
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per input driven at the specified level. Mux/demux pins do not contribute to
ΔIcc.
3. This parameter is guaranteed but not tested.
4. This parameter represents the current required to switch internal capacitance at the specified frequency. The mux/demux inputs do not contribute to the Dynamic Power Supply Current.
This parameter is guaranteed but not production tested.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Min.
Typ.
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC, f = 0
2
4
mA
ΔICC
Power Supply Current (2,3) per Input HIGH
VCC = Max., VIN = 3V, f = 0 per Control Input
30
μA
ICCD
Dynamic Power Supply Current(4)
VCC = 3.3V, A and B Pins Open, Control Inputs
See Typical ICCD vs Enable Frequency graph below
Toggling @ 50% Duty Cycle
0
2
4
6
8
0
2468
10
12
14
16
18
20


Similar Part No. - QS3VH257S1G8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS3VH257PAG ETC2-QS3VH257PAG Datasheet
275Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS3VH257S1G8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH253 IDT-IDTQS3VH253_14 Datasheet
279Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
IDTQS3VH251 IDT-IDTQS3VH251_14 Datasheet
277Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16211 PERICOM-PI3C16211 Datasheet
398Kb / 4P
   3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
logo
Texas Instruments
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245_13 Datasheet
270Kb / 8P
   2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
   2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com