Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17885 Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS17885
Description  3V/5V Real-Time Clock
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS17885 Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS17885 Datasheet HTML 3Page - Dallas Semiconductor DS17885 Datasheet HTML 4Page - Dallas Semiconductor DS17885 Datasheet HTML 5Page - Dallas Semiconductor DS17885 Datasheet HTML 6Page - Dallas Semiconductor DS17885 Datasheet HTML 7Page - Dallas Semiconductor DS17885 Datasheet HTML 8Page - Dallas Semiconductor DS17885 Datasheet HTML 9Page - Dallas Semiconductor DS17885 Datasheet HTML 10Page - Dallas Semiconductor DS17885 Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
DS17885/DS17887
7 of 38
RTC ADDRESS MAP
The address map for the RTC registers of the DS17885/DS17887 is shown in Figure 2. The address map
consists of the 14 clock/calendar registers. Ten registers contain the time, calendar, and alarm data, and
4 bytes are used for control and status. All registers can be directly written or read except for the
following:
1) Registers C and D are read-only.
2) Bit 7 of Register A is read-only.
3) The high order bit of the second byte is read-only.
Figure 2. DS17885 REAL-TIME CLOCK ADDRESS MAP
TIME, CALENDAR, AND ALARM LOCATIONS
The time and calendar information is obtained by reading the appropriate register bytes shown in Table 1.
The time, calendar, and alarm are set or initialized by writing the appropriate register bytes. The contents
of the time, calendar, and alarm registers can be either binary or binary-coded decimal (BCD) format.
Table 1 shows the binary and BCD formats of the 10 time, calendar, and alarm locations that reside in
both bank 0 and in bank 1, plus the two extended registers that reside in bank 1 only (bank 0 and
bank 1 switching is explained later in this text).
Before writing the internal time, calendar, and alarm registers, the SET bit in Register B should be written
to a logic 1 to prevent updates from occurring while access is being attempted. Also at this time, the data
format (binary or BCD) should be set by the data mode bit (DM) of Register B. All time, calendar, and
alarm registers must use the same data mode. The set bit in Register B should be cleared after the data
mode bit has been written to allow the real-time clock to update the time and calendar bytes.
Once initialized, the real time clock makes all updates in the selected mode. The data mode cannot be
changed without reinitializing the 10 data bytes. The 24/12 bit cannot be changed without reinitializing
the hour locations. When the 12-hour format is selected, the high order bit of the hours byte represents
PM when it is a logic 1. The time, calendar, and alarm bytes are always accessible because they are
double-buffered. Once per second the 10 bytes are advanced by 1 second and checked for an alarm
condition. If a read of the time and calendar data occurs during an update, a problem exists where
seconds, minutes, hours, etc., may not correlate. The probability of reading incorrect time and calendar
data is low. Several methods of avoiding any possible incorrect time and calendar reads are covered later
in this text.


Similar Part No. - DS17885

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17885 MAXIM-DS17885 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17885 MAXIM-DS17885 Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17885-3 MAXIM-DS17885-3 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
DS17885-3++ MAXIM-DS17885-3+ Datasheet
333Kb / 31P
   Real-Time Clocks
Rev 1; 4/10
DS17885-5 MAXIM-DS17885-5 Datasheet
319Kb / 30P
   Real-Time Clocks
Rev 0; 4/06
More results

Similar Description - DS17885

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
   3V/5V Real-Time Clocks
Rev 10/12
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
   3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
   3V/5V Real-Time Clocks
Rev 4/10
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
   5V PC REAL TIME CLOCK
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com