Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QS3VH251PAG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # QS3VH251PAG8
Description  HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3VH251PAG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  QS3VH251PAG8 Datasheet HTML 1Page - Integrated Device Technology QS3VH251PAG8 Datasheet HTML 2Page - Integrated Device Technology QS3VH251PAG8 Datasheet HTML 3Page - Integrated Device Technology QS3VH251PAG8 Datasheet HTML 4Page - Integrated Device Technology QS3VH251PAG8 Datasheet HTML 5Page - Integrated Device Technology QS3VH251PAG8 Datasheet HTML 6Page - Integrated Device Technology QS3VH251PAG8 Datasheet HTML 7Page - Integrated Device Technology QS3VH251PAG8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH251
2.5V / 3.3V QUAD 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
2014 Integrated Device Technology, Inc.
DSC-5944/11
c
IDTQS3VH251
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH® PRODUCTS
2.5V / 3.3V 8:1 MUX / DEMUX
HIGH BANDWIDTH BUS SWITCH
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The QS3VH251 HotSwitch Quad 2:1 multiplexer/demultiplexer is a high
bandwidth bus switch. The QS3VH251 has very low ON resistance,
resulting in under 250ps propagation delay through the switch. The Select
(Sx) input controls the data flow. The multiplexers/demultiplexers are
enabled when the Enable (E) input is low. In the ON state, the switches can
pass signals up to 5V. In the OFF state, the switches offer very high
impedence at the terminals.
The combination of near-zero propagation delay, high OFF impedance,
and over-voltage tolerance makes the QS3VH251 ideal for high perfor-
mance comminucation applications.
The QS3VH251 is characterized for operation from -40
°C to +85°C.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping
• Multiplexing/demultiplexing
• Low distortion analog switch
• Replaces mechanical relay
• ATM 25/155 switching
FEATURES:
• N channel FET switches with no parasitic diode to VCC
– Isolation under power-off conditions
– No DC path to VCC or GND
– 5V tolerant in OFF and ON state
• 5V tolerant I/Os
• Low RON - 4
Ω
Ω
Ω
Ω
Ω typical
• Flat RON characteristics over operating range
• Rail-to-rail switching 0 - 5V
• Bidirectional dataflow with near-zero delay: no added ground
bounce
• Excellent RON matching between channels
•VCC operation: 2.3V to 3.6V
• High bandwidth - up to 500MHz
• LVTTL-compatible control Inputs
• Undershoot Clamp Diodes on all switch and control Inputs
• Low Demux capacitance, 4pF typical
• Available in QSOP and TSSOP packages
S0
Y
I0
I1
I2
I3
I4
I5
I6
I7
S1
E
S2


Similar Part No. - QS3VH251PAG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS3VH253PAG IDT-QS3VH253PAG Datasheet
279Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
QS3VH253PAG8 IDT-QS3VH253PAG8 Datasheet
279Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
QS3VH253QG IDT-QS3VH253QG Datasheet
279Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
QS3VH253QG8 IDT-QS3VH253QG8 Datasheet
279Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
logo
List of Unclassifed Man...
QS3VH257PAG ETC2-QS3VH257PAG Datasheet
275Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS3VH251PAG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH253 IDT-IDTQS3VH253_14 Datasheet
279Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
IDTQS3VH257 IDT-IDTQS3VH257_14 Datasheet
275Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16211 PERICOM-PI3C16211 Datasheet
398Kb / 4P
   3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
logo
Texas Instruments
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245_13 Datasheet
270Kb / 8P
   2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
   2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com